Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7000 Datasheet(PDF) 57 Page - ams AG

Part # AS7000
Description  The AS7000 device provides a flexible analog front end for light sensing applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7000 Datasheet(HTML) 57 Page - ams AG

Back Button AS7000 Datasheet HTML 53Page - ams AG AS7000 Datasheet HTML 54Page - ams AG AS7000 Datasheet HTML 55Page - ams AG AS7000 Datasheet HTML 56Page - ams AG AS7000 Datasheet HTML 57Page - ams AG AS7000 Datasheet HTML 58Page - ams AG AS7000 Datasheet HTML 59Page - ams AG AS7000 Datasheet HTML 60Page - ams AG AS7000 Datasheet HTML 61Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 92 page
background image
ams Datasheet
Page 57
[v1-12] 2018-Feb-26
Document Feedback
AS7000 − Detailed Description
19:17
adc_settling_
time
5RW
ADC settling time: Do not use in interleaved mode. It
defines the number of ADC clock cycles the sampling
window is kept open additionally to its 4 ADC clock cycles.
If the gain stage in the optical frontend is used (gain_
byp=0), set this to minimum 8μs. If adc_selfpd=1, set this
to minimum 64μs and set adc_discharge=1.
Setting
Periods
μs
(@4MHz)
μs
(@2MHz)
μs
(@1MHz)
0
0
000
1
4
124
2
8
248
316
4
8
16
432
8
16
32
564
16
32
64
6
128
32
64
128
7
256
64
128
256
If adc_discharge=0 and adc_selfpd=0 and the TIA is
connected directly to the ADC using following minimum
settling times:
pd_ampres
minimum adc_settling_time
1MΩ
1μs
2MΩ-7MΩ
2μs
10MΩ-15MΩ
3μs
0xa4: AFE_ADC_CFG
Field
Name
Rst
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com