Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7000 Datasheet(PDF) 67 Page - ams AG

Part # AS7000
Description  The AS7000 device provides a flexible analog front end for light sensing applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7000 Datasheet(HTML) 67 Page - ams AG

Back Button AS7000 Datasheet HTML 63Page - ams AG AS7000 Datasheet HTML 64Page - ams AG AS7000 Datasheet HTML 65Page - ams AG AS7000 Datasheet HTML 66Page - ams AG AS7000 Datasheet HTML 67Page - ams AG AS7000 Datasheet HTML 68Page - ams AG AS7000 Datasheet HTML 69Page - ams AG AS7000 Datasheet HTML 70Page - ams AG AS7000 Datasheet HTML 71Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 92 page
background image
ams Datasheet
Page 67
[v1-12] 2018-Feb-26
Document Feedback
AS7000 − Detailed Description
MCU
The MCU is a 32-bit ARM Cortex-M0-based RISC processor with
32kB of EEPROM memory and 4kB of RAM data memory. Details
of the core processor can be found under
infocenter.arm.com.
The MCU offers the following features:
• System:
• ARM Cortex M0 processor with single cycle 32 bit
multiplication instruction
• System tick timer
• Hardware protection to disable the read or read/write
of the internal EEPROM and SRAM
• Unique ID for every device delivered
• Memory:
• 32kByte EEPROM memory
•4kByte RAM
• Peripherals:
• 9 general-purpose (GPIO) pins with configurable
output structure
•UART
•I²C Master
•I²C Slave
•14 bit ADC
•Watchdog timer
• 2 general purpose 16 bit timer
• Clock:
• Internal 16MHz RC oscillator
• Internal 512Hz watchdog oscillator and timer
• Debug:
• Serial wire Debug
• Power control:
• Reduced power modes Sleep, Stop
•Power ON reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com