Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM48L540DPGET Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # RM48L540DPGET
Description  RM48Lx40 16- and 32-Bit RISC Flash Microcontroller
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RM48L540DPGET Datasheet(HTML) 43 Page - Texas Instruments

Back Button RM48L540DPGET Datasheet HTML 39Page - Texas Instruments RM48L540DPGET Datasheet HTML 40Page - Texas Instruments RM48L540DPGET Datasheet HTML 41Page - Texas Instruments RM48L540DPGET Datasheet HTML 42Page - Texas Instruments RM48L540DPGET Datasheet HTML 43Page - Texas Instruments RM48L540DPGET Datasheet HTML 44Page - Texas Instruments RM48L540DPGET Datasheet HTML 45Page - Texas Instruments RM48L540DPGET Datasheet HTML 46Page - Texas Instruments RM48L540DPGET Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 174 page
background image
RM48L940, RM48L740, RM48L540
www.ti.com
SPNS175C – APRIL 2012 – REVISED JUNE 2015
5.7
Power Consumption
Over Recommended Operating Conditions
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
fHCLK = 200 MHz
VCC Digital supply current (operating
240(1)
400(2)
fVCLK = 100 MHz,
mode)
Flash in pipelined mode, VCCmax
ICC, ICCPLL
mA
VCC Digital supply current (LBIST mode)
LBIST clock rate = 100 MHz
655(3)(4)
PBIST ROM clock frequency =
VCC Digital supply current (PBIST mode)
655(3)(4)
100 MHz
ICCIO
VCCIO supply current (operating mode)
No DC load, VCCmax
10
mA
Single ADC operational, VCCADmax
15
ICCAD
VCCAD supply current (operating mode)
mA
Both ADCs operational, VCCADmax
30
Single ADC operational, ADREFHImax
3
IADREFHI
ADREFHI supply current (operating mode)
mA
Both ADCs operational, ADREFHImax
6
Read from 1 bank and program or
ICCP
VCCP pump supply current
60
mA
erase another bank, VCCPmax
(1)
The typical value is the average current for the nominal process corner and junction temperature of 25ºC.
(2)
The maximum ICC, value can be derated
•
linearly with voltage
•
by 1 mA/MHz for lower operating frequency when fHCLK= 2 * fVCLK
•
for lower junction temperature by the equation below where TJK is the junction temperature in Kelvin and the result is in milliamperes.
166 - 0.15 e0.0174 T
JK
(3)
The maximum ICC, value can be derated
•
linearly with voltage
•
by 1.7 mA/MHz for lower operating frequency when fHCLK= 2 * fVCLK
•
for lower junction temperature by the equation below where TJK is the junction temperature in Kelvin and the result is in milliamperes.
166 - 0.15 e0.0174 T
JK
(4)
LBIST and PBIST currents are for a short duration, typically less than 10 ms. They are usually ignored for thermal calculations for the
device and the voltage regulator
Copyright © 2012–2015, Texas Instruments Incorporated
Specifications
43
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com