Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F916E/P301 Datasheet(PDF) 60 Page - Microchip Technology

Part # PIC16F916E/P301
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F916E/P301 Datasheet(HTML) 60 Page - Microchip Technology

Back Button PIC16F916E/P301 Datasheet HTML 56Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 57Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 58Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 59Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 60Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 61Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 62Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 63Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 272 page
background image
PIC16F917/916/914/913
DS41250E-page 58
Preliminary
© 2005 Microchip Technology Inc.
3.4.1.8
RC7/RX/DT/SDI/SDA/SEG8
Figure 3-21 shows the diagram for this pin. The
RC7/RX/DT/SDI/SDA/SEG8 pin is configurable to
function as one of the following:
• a general purpose I/O
• an asynchronous serial input
• a synchronous serial data I/O
• a SPI data I/O
•an I2C data I/O
• an analog output for the LCD
FIGURE 3-21:
BLOCK DIAGRAM OF RC7/RX/DT/SDI/SDA/SEG8
Data Bus
WR PORTC
WR TRISC
RD PORTC
RX/SDI Input
SEG8
0
1
I2C™ Data Out
Schmitt
Trigger
RC7/RX/DT/
VDD
Data Latch
TRIS Latch
Q
D
Q
CK
Q
D
Q
CK
I2C™ Drive
SE8 and LCDEN
RD TRISC
PORT/(SCEN or I2C™) Select
SCEN/I2C™ Mode Select(1)
DT Data Out
1
0
or SCEN Drive
SE8 and LCDEN
Note 1:
If SSP and USART outputs are both enabled, the USART data output will have priority over the
SSP data output. Both SSP and USART data outputs will have priority over the PORT data
output.
Pin
SDI/SDA/
SEG8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com