Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F916E/P301 Datasheet(PDF) 100 Page - Microchip Technology

Part # PIC16F916E/P301
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F916E/P301 Datasheet(HTML) 100 Page - Microchip Technology

Back Button PIC16F916E/P301 Datasheet HTML 96Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 97Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 98Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 99Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 100Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 101Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 102Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 103Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 104Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 272 page
background image
PIC16F917/916/914/913
DS41250E-page 98
Preliminary
© 2005 Microchip Technology Inc.
8.6
Comparator Reference
The comparator module also allows the selection of an
internally generated voltage reference for one of the
comparator inputs. The VRCON register, Register 8-3,
controls the voltage reference module shown in
Figure 8-6.
8.6.1
CONFIGURING THE VOLTAGE
REFERENCE
The voltage reference can output 32 distinct voltage
levels; 16 in a high range and 16 in a low range.
The following equation determines the output voltages:
EQUATION 8-1:
8.6.2
VOLTAGE REFERENCE
ACCURACY/ERROR
The full range of VSS to VDD cannot be realized due to
the construction of the module. The transistors on the
top and bottom of the resistor ladder network
(Figure 8-6) keep CVREF from approaching VSS or
VDD. The exception is when the module is disabled by
clearing the VREN bit (VRCON<7>). When disabled,
the reference voltage is VSS when VR<3:0> = 0000.
This allows the comparators to detect a zero-crossing
and not consume CVREF module current.
The voltage reference is VDD derived and therefore, the
CVREF output changes with fluctuations in VDD. The
tested absolute accuracy of the comparator voltage
reference can be found in Section 19.0 “Electrical
Specifications”.
FIGURE 8-6:
COMPARATOR VOLTAGE REFERENCE BLOCK DIAGRAM
VRR = 1 (low range): CVREF = (VR3:VR0/24) x VDD
VRR = 0 (high range):
CVREF = (VDD/4) + (VR3:VR0 x VDD/32)
VRR
8R
VR<3:0>
16-1 Analog
8R
RR
RR
CVREF to
16 Stages
Comparator
Input
VREN
VDD
MUX
VREN
VR <3:0> = ‘0000’
VRR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com