Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F916E/P301 Datasheet(PDF) 164 Page - Microchip Technology

Part # PIC16F916E/P301
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F916E/P301 Datasheet(HTML) 164 Page - Microchip Technology

Back Button PIC16F916E/P301 Datasheet HTML 160Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 161Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 162Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 163Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 164Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 165Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 166Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 167Page - Microchip Technology PIC16F916E/P301 Datasheet HTML 168Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 272 page
background image
PIC16F917/916/914/913
DS41250E-page 162
Preliminary
© 2005 Microchip Technology Inc.
FIGURE 14-1:
SSP BLOCK DIAGRAM
(SPI MODE)
To enable the serial port, SSPEN bit (SSPCON<5>)
must be set. To reset or reconfigure SPI mode:
• Clear bit SSPEN
• Re-initialize the SSPCON register
• Set SSPEN bit
This configures the SDI, SDO, SCK and SS pins as
serial port pins. For the pins to behave in a serial port
function, they must have their data direction bits (in the
TRISC register) appropriately programmed. This is:
• SDI must have TRISC<7> set
• SDO must have TRISC<4> cleared
• SCK (Master mode) must have TRISC<6>
cleared
• SCK (Slave mode) must have TRISC<6> set
•SS must have TRISA<5> set.
Read
Write
Internal
Data Bus
RC7/RX/
RC4/T1G/
RA5/AN2/
RC6/TX/CK/
SSPSR Reg
SSPBUF Reg
SSPM<3:0>
bit 0
Shift
Clock
SS Control
Enable
Edge
Select
Clock Select
TMR2 Output
TCY
Prescaler
4, 16, 64
TRISC<6>
2
Edge
Select
2
4
SCL/
Peripheral OE
SDA/SEG8
DT/SDI/
SDO/SEG11
C2OUT/SS/
SEG5
SCK/
SEG9
Note 1: When the SPI is in Slave mode with SS
pin control enabled (SSPCON<3:0> =
0100
), the SPI module will reset if the SS
pin is set to VDD.
2: If the SPI is used in Slave mode with
CKE = 1, then the SS pin control must be
enabled.
3: When the SPI is in Slave mode with SS pin
control enabled (SSPCON<3:0> = 0100),
the state of the SS pin can affect the state
read back from the TRISC<4> bit. The
peripheral OE signal from the SSP module
into PORTC controls the state that is read
back
from
the
TRISC<4>
bit
(see
Section 19.4
“DC
Characteristics:
PIC16F917/916/914/913-I
(Industrial)
PIC16F917/916/914/913-E
(Extended)”
for
information
on
PORTC).
If
read-modify-write instructions, such as
BSF,
are performed on the TRISC register
while the SS pin is high, this will cause the
TRISC<4> bit to be set, thus disabling the
SDO output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com