Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASMP5P23S09A Datasheet(PDF) 10 Page - Alliance Semiconductor Corporation

Part # ASMP5P23S09A
Description  3.3V SpreadTrak Zero Delay Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASMP5P23S09A Datasheet(HTML) 10 Page - Alliance Semiconductor Corporation

Back Button ASMP5P23S09A Datasheet HTML 6Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 7Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 8Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 9Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 10Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 11Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 12Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 13Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 14Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ASM5P23S09A
August 2003
ASM5P23S05A
rev 2.0
3.3V
‘SpreadTrak’ Zero Delay Buffer
10 of 16
Notice: The information in this document is subject to change without notice.
Test Circuits
1k
10 pF
V
DD
GND
OUTPUTS
CLK OUT
C
LOAD
0.1 ÿF
1k
0.1 ÿF
0.1 ÿF
0.1 ÿF
V
DD
V
DD
V
DD
GND
GND
GND
OUTPUTS
Test Circuit #1
Test Circuit #2
For parameter t8 (output slew rate) on -1H devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com