Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASMP5P23S09A Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # ASMP5P23S09A
Description  3.3V SpreadTrak Zero Delay Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASMP5P23S09A Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button ASMP5P23S09A Datasheet HTML 2Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 3Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 4Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 5Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 6Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 7Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 8Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 9Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 10Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ASM5P23S09A
August 2003
ASM5P23S05A
rev 2.0
3.3V
‘SpreadTrak’ Zero Delay Buffer
6 of 16
Notice: The information in this document is subject to change without notice.
Electrical Characteristics for ASM5P23S05A and ASM5P23S09A - Commercial Temperature Devices
Parameter
Description
Test Conditions
Min
Max
Unit
VIL
Input LOW Voltage
5
0.8
V
VIH
Input HIGH Voltage
5
2.0
V
IIL
Input LOW Current
VIN = 0V
50.0
µA
IIH
Input HIGH Current
VIN = VDD
100.0
µA
VOL
Output LOW Voltage
6
IOL = 8mA (-1)
IOH = 12mA (-1H)
0.4
V
VOH
Output HIGH Voltage
6
IOL = -8mA (-1)
IOH = -12mA (-1H)
2.4
V
IDD
Supply Current
Unloaded outputs at 66.67 MHz,
SEL inputs at VDD
TBD
mA
Notes:
5. REF input has a threshold voltage of VDD/2
6. Parameter is guaranteed by design and characterization. Not 100% tested in production
7. S1 / S2 inputs are CMOS, TTL compatible inputs
–
The input must toggle somewhere between 0.8 and 2.0. We guarantee the limits of 0.8 and 2.0, but can't guarantee anything tighter than
that. As Vdd moves higher the toggle point will move higher, but will always stay below 2.0V. As Vdd moves lower, the toggle point will
move lower, but always stay higher than 0.8V. What the 2.0V MIN Vih specification means is that you put 2.0V or a higher voltage into the
device, and you will have a logic HIGH. If you put 0.8V or a lower voltage into the device, you will have a logic LOW ( Vil spec = 0.8V max).
It will toggle someplace in between 0.8V and 2.0V, but we don't guarantee exactly where, and the exact point will change depending upon
conditions. Characterization shows we toggle at 1.1V and 1.5V (showing a little hysteresis), everything is perfect. We meet spec, plus have
~ 300mV noise immunity on the low end and ~500mV noise immunity on the high side. Under nominal conditions, with no hysteresis, most
devices will toggle at about 1.5V for both high and low.
Switching Characteristics for ASM5P23S05A-1 and ASM5P23S09A-1 - Commercial Temperature Devices
7
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
1/t1
Output Frequency
30-pF load
10-pF load
10
10
100
133.3 3
MHz
Duty Cycle
6 = (t
2 / t1) * 100
Measured at 1.4V, FOUT = 66.67 MHz
40.0
50.0
60.0
%
t3
Output Rise Time
6
Measured between 0.8V and 2.0V
2.50
ns
t4
Output Fall Time
6
Measured between 2.0V and 0.8V
2.50
ns
t5
Output-to-output skew
6
All outputs equally loaded
250
ps
t6
Delay, REF Rising Edge to
CLKOUT Rising Edge
6
Measured at VDD /2
0
±350
ps
t7
Device-to-Device Skew
6
Measured at VDD/2 on the CLKOUT pins of the device
0
700
ps
tJ
Cycle-to-cycle jitter
6
Measured at 66.67 MHz, loaded outputs
200
ps
tLOCK
PLL Lock Time
6
Stable power supply, valid clock presented on
REF pin
1.0
ms
Notes:
7. All parameters specified with loaded outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com