Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASMP5P23S09A Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # ASMP5P23S09A
Description  3.3V SpreadTrak Zero Delay Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASMP5P23S09A Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

Back Button ASMP5P23S09A Datasheet HTML 4Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 5Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 6Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 7Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 8Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 9Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 10Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 11Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 12Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ASM5P23S09A
August 2003
ASM5P23S05A
rev 2.0
3.3V
‘SpreadTrak’ Zero Delay Buffer
8 of 16
Notice: The information in this document is subject to change without notice.
Switching Characteristics for ASM5I23S05A-1H and ASM5I23S09A-1H - Industrial Temperature Devices
7
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
1/t1
Output Frequency
30-pF load
10-pF load
10
10
100
133.33
MHz
Duty Cycle
6 = (t
2 / t1) * 100
Measured at 1.4 V, FOUT = 66.67 MHz
40.0
50.0
60.0
%
Duty Cycle
6 = (t
2 / t1) * 100
Measured at 1.4 V, FOUT < 50.0 MHz
45.0
50.0
55.0
t3
Output Rise Time 6
Measured between 0.8V and 2.0V
1.50
ns
t4
Output Fall Time 6
Measured between 2.0V and 0.8V
1.50
ns
t5
Output-to-output skew 6
All outputs equally loaded
250
ps
t6
Delay, REF Rising Edge to
CLKOUT Rising Edge 6
Measured at VDD /2
0
± 350
ps
t7
Device-to-Device Skew 6
Measured at VDD/2 on the CLKOUT pins of
the device
0
700
ps
t8
Output Slew Rate 6
Measured between 0.8V and 2.0V using
Test Circuit #2
1
V/ns
tJ
Cycle-to-cycle jitter 6
Measured at 66.67 MHz, loaded outputs
200
ps
tLOCK
PLL Lock Time 6
Stable power supply, valid clock pre sented
on REF pin
1.0
ms
Switching Waveforms
Duty Cycle Timing
t
1
t
2
1.4 V
1.4 V
1.4 V
All Outputs Rise/Fall Time
OUTPUT
2.0 V
0.8 V
t3
t4
3.3 V
0 V
2.0 V
0.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com