Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM1233A Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # ASM1233A
Description  Low Power, 3.3V, uP Reset, Active LOW, Open-Drain Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM1233A Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  ASM1233A Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM1233A Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM1233A Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM1233A Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM1233A Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM1233A Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM1233A Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM1233A Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM1233A Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3 of 9
Notice: The information in this document is subject to change without notice
Low Power, 3.3V, µP Reset, Active LOW, Open-Drain Output
ASM1233A
rev 1.0
November 2003
Application Information
Operation - Power Monitor
The ASM1233A detects out-of-tolerance power supply
conditions. It resets a processor during power-up, power-
down and generates a reset to the system processor when
the monitored power supply voltage is below the reset
threshold. When an out-of-tolerance VCC voltage is detected,
the RESET signal is asserted. On power-up, RESET is kept
active (LOW) for approximatley 350ms after the power supply
voltage has reached the selected tolerance. This allows the
power supply and microprocessor to stablize before RESET
is released.
tRPU
VCCTP (MIN)
VOH
VCCTP
VCCTP (MAX)
tR
VCC
RESET
Figure 1: Timing Diagram: Power-Up
VCCTP (MIN)
VCCTP
VCCTP (MAX)
tF
VCC
tRPD
VOL
RESET
Figure 2: Timing Diagram: Power-Down



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com