Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM1233A Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # ASM1233A
Description  Low Power, 3.3V, uP Reset, Active LOW, Open-Drain Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM1233A Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

  ASM1233A Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM1233A Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM1233A Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM1233A Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM1233A Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM1233A Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM1233A Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM1233A Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM1233A Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ASM1233A
7 of 9
Notice: The information in this document is subject to change without notice
Low Power, 3.3V, µP Reset, Active LOW, Open-Drain Output
rev 1.0
November 2003
Package Information
SOT-223
Symbol
Dimensions in millimeters
Dimensions in Inches
Min
Max
Min
Max
A
0.067
0.060
1.70
1.50
A1
0.004
0.0008
0.10
0.02
B
0.124
0.116
3.15
2.95
B1
0.033
0.026
0.85
0.65
C
0.014
0.010
0.35
0.25
D
0.264
0.248
6.70
6.30
e
0.0905 NOM
2.30 NOM
e1
0.181 NOM
4.50 NOM
E
0.146
0.130
3.70
3.30
h
0.287
0.264
7.30
6.70
s
0.041
0.033
1.05
0.85
Q
10 ° MAX
10 ° MAX
Q1
16°
10°
16°
10°
Q2
16°
10°
16°
10°
B
E
H
S
e
D
A
A1
e1
B1
Q
Q1
Q2
C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com