Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM1233A Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # ASM1233A
Description  Low Power, 3.3V, uP Reset, Active LOW, Open-Drain Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM1233A Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  ASM1233A Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM1233A Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM1233A Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM1233A Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM1233A Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM1233A Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM1233A Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM1233A Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM1233A Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ASM1233A
5 of 9
Notice: The information in this document is subject to change without notice
Low Power, 3.3V, µP Reset, Active LOW, Open-Drain Output
rev 1.0
November 2003
Electrical Characteristics
Unless otherwise noted, VCC = 1.2V to 5.5V and specifications are over the operating temperature range of -40°C to +85°C.
All voltages are referenced to ground.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VCC
1.2
5.5
V
Output Voltage
VOH
IOUT < 500 µA
VCC - 0.5V
VCC - 0.1V
V
Output Current
IOL
Output = 0.4V, VCC >= 2.7V
+8
mA
Operating Current
ICC
VCC < =3.6V, RESET output
open
615
µA
VCC Trip Point (ASM1233A-3)
VCCTP
2.64
2.72
2.8
V
Voltage High Trip Level
ASM1233A-3
VHTL
3.14
V
Internal Pull-up Resistor
RP
3.5
5.0
7.5
k
Ω
Output Capacitance
COUT
10
pF
VCC Detect to RESET Low
tRPD
210
µs
VCC Slew Rate
(VHTL - VLTL )
tF
300
µs
VCC Slew Rate
(VLTL - VHTL)
tR
0ns
VCC Detect to RESET High
tRPU
tr = 5µs
200
350
500
ms
Note: A 1k
Ω resistor maybe required in some applications for proper operation of the microprocessor reset control circuit.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com