Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM1816 Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # ASM1816
Description  Low Power 3.3V/3.0V uP Reset, Active LOW, Open-Drain Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM1816 Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  ASM1816 Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM1816 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM1816 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM1816 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM1816 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM1816 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM1816 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM1816 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM1816 Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ASM1816
5 of 9
Notice: The information in this document is subject to change without notice
Low Power 3.3V/3.0V µP Reset
rev 1.4
February 2005
Family Selection Guide
Part #
RESET Voltage (V)
RESET Time
(ms)
Output Stage
RESET Polarity
ASM1810
4.620, 4.370, 4.120
150
Push-Pull
LOW
ASM1811
4.620, 4.350, 4.130
150
Open-Drain
LOW
ASM1812
4.620, 4.350, 4.130
150
Push-Pull
HIGH
ASM1815
3.060, 2.880, 2.550
150
Push-Pull
LOW
ASM1816
3.060, 2.880, 2.550
150
Open-Drain
LOW
ASM1817
3.060, 2.880, 2.550
150
Push-Pull
HIGH
ASM1233D
4.625, 4.375, 4.125
350
Open-Drain
LOW
ASM1233M
4.625, 4.375, 2.720
350
Open-Drain
LOW



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com