Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM1816 Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # ASM1816
Description  Low Power 3.3V/3.0V uP Reset, Active LOW, Open-Drain Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM1816 Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  ASM1816 Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM1816 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM1816 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM1816 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM1816 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM1816 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM1816 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM1816 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM1816 Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ASM1816
Alliance Semiconductor
2575 Augustine Drive . Santa Clara, CA 95054 . Tel: 408.855.4900 . Fax: 408.855.4999 . www.alsc.com
Notice: The information in this document is subject to change without notice
rev 1.4
Low Power 3.3V/3.0V µP Reset, Active LOW, Open-Drain Output
February 2005
General Description
The ASM1816 is a voltage supervisory device with low-power,
3.3V/3V µP Reset, active LOW, open-drain output. Maximum
supply current over temperature is a low 15µA (at 3.6V).
The ASM1816 generates an active LOW reset signal whenever
the monitored supply is out of tolerance. A precision reference
and comparator circuit monitor power supply (VCC) level.
Tolerance level options are 5%, 10% and 20%. When an out-of-
tolerance condition is detected, an internal power-fail signal is
generated which forces an active LOW reset signal. After VCC
returns to an in-tolerance condition, the reset signal remains
active for 150ms to allow the power supply and system
microprocessor to stabilize.
The ASM1816 is designed with a open-drain output stage and
operates over the extended industrial temperature range.
Devices are available in TO-92 and compact surface mount
SOT-23 packages.
Other low power products in this family include the ASM1810/
11/12/15/17, ASM1233D and ASM1233M.
Key Features
Low Supply Current
•20 µA maximum (5.5 V)
•15µA maximum (3.6 V)
Automatically restarts a microprocessor after power failure
150ms reset delay after VCC returns to an in-tolerance con-
dition
Active LOW power-up reset
Precision temperature-compensated voltage reference and
comparator
Eliminates external components
TO-92 and compact surface mount SOT-23 package
Operating temperature -40°C to +85°C
Applications
Set-top boxes
Cellular phones
•PDAs
Energy management systems
Embedded control systems
Printers
Single board computers
Typical Application
Block Diagram
Microprocessor
VCC
RESET
RESET
GND
ASM1816
VCC
Supply
Reference
Delay
150ms
Typical
Tolerance
Bias
+
-
2
ASM1816
VCC
Supply
Delay
150ms
Typical
Tolerance
Bias
-
GND
RESET
Reference
+
1
3
5.0K


Similar Part No. - ASM1816

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM1816 PULSECORE-ASM1816 Datasheet
235Kb / 9P
Low Power 3.3V/3.0V 關P Reset, Active LOW, Open-Drain Output
logo
ON Semiconductor
ASM1816 ONSEMI-ASM1816 Datasheet
134Kb / 8P
Low Power Open-Drain Output
August, 2011 ??Rev. 3
logo
PulseCore Semiconductor
ASM1816-10 PULSECORE-ASM1816-10 Datasheet
235Kb / 9P
Low Power 3.3V/3.0V 關P Reset, Active LOW, Open-Drain Output
ASM1816-10F PULSECORE-ASM1816-10F Datasheet
235Kb / 9P
Low Power 3.3V/3.0V 關P Reset, Active LOW, Open-Drain Output
ASM1816-20 PULSECORE-ASM1816-20 Datasheet
235Kb / 9P
Low Power 3.3V/3.0V 關P Reset, Active LOW, Open-Drain Output
More results

Similar Description - ASM1816

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM1233A ALSC-ASM1233A Datasheet
209Kb / 9P
Low Power, 3.3V, uP Reset, Active LOW, Open-Drain Output
ASM1233D ALSC-ASM1233D Datasheet
175Kb / 11P
Low Power, 5V/3.3V, uP Reset, Active LOW, Open-Drain Output
ASM1233M ALSC-ASM1233M Datasheet
204Kb / 9P
Low Power, 5V/3.0V, uP Reset, Active LOW, Open-Drain Output
ASM1811 ALSC-ASM1811 Datasheet
215Kb / 9P
Low Power 5V uP Reset Active LOW, Open - Drain Output
ASM1815 ALSC-ASM1815 Datasheet
235Kb / 9P
Low Power, 3.3V/3.0V uP Reset Active LOW, Push-Pull Output
ASM1817 ALSC-ASM1817 Datasheet
232Kb / 9P
Low Power, 3.3V/3.0V uP Reset, Active HIGH, Push-Pull Output
ASM8500 ALSC-ASM8500 Datasheet
191Kb / 7P
Low Power 5V / 3.3V uP Reset Active LOW, Open - Drain Output
logo
PulseCore Semiconductor
ASM1233D-L PULSECORE-ASM1233D-L Datasheet
258Kb / 11P
Low Power, 5V/3.3V, 關P Reset, Active LOW, Open-Drain Output
ASM1816 PULSECORE-ASM1816 Datasheet
235Kb / 9P
Low Power 3.3V/3.0V 關P Reset, Active LOW, Open-Drain Output
logo
ON Semiconductor
ASM1233D ONSEMI-ASM1233D Datasheet
142Kb / 10P
Reset Active LOW Open-Drain Output
August, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com