Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM1816 Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # ASM1816
Description  Low Power 3.3V/3.0V uP Reset, Active LOW, Open-Drain Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM1816 Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

  ASM1816 Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM1816 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM1816 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM1816 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM1816 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM1816 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM1816 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM1816 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM1816 Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
ASM1816
8 of 9
Notice: The information in this document is subject to change without notice
Low Power 3.3V/3.0V µP Reset
rev 1.4
February 2005
Ordering Information
Device Summary
Part ***
Number
RESET
Output
Voltage
(V)
RESET
Tolerance
(%)
RESET
Time
(ms)
Open-Drain **
Output Stage
SOT-23
Package
RESET
Polarity
Package Marking
TIN - LEAD DEVICES
ASM1816R-5
3.06
5
150
LOW
RMLL
ASM1816R-10
2.88
10
150
LOW
RNLL
ASM1816R-20
2.55
20
150
LOW
ROLL
LEAD FREE DEVICES
ASM1816R-5F
3.06
5
150
LOW
KMLL
ASM1816R-10F
2.88
10
150
LOW
KNLL
ASM1816R-20F
2.55
20
150
LOW
KOLL
Part ***
Number
RESET
Output
Voltage
(V)
RESET
Tolerance
(%)
RESET
Time
(ms)
Open-Drain **
Output Stage
TO-92
Package
RESET
Polarity
Package Marking
TIN - LEAD DEVICES
ASM1816-5
3.06
5
150
LOW
ASM1816-5
ASM1816-10
2.88
10
150
LOW
ASM1816-10
ASM1816-20
2.55
20
150
LOW
ASM1816-20
LEAD FREE DEVICES
ASM1816-5F
3.06
5
150
LOW
ASM1816-5F
ASM1816-10F
2.88
10
150
LOW
ASM1816-10F
ASM1816-20F
2.55
20
150
LOW
ASM1816-20F
** Internal 5.5k
Ω resistor pull-up
** *Add /T to Part Number for Tape and Reel (i.e ASM18xx-x/T)
LL - Lot Code



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com