Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5658IPZ Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5658IPZ
Description  MSP430F665x, MSP430F645x, MSP430F565x, MSP430F535x Mixed-Signal Microcontrollers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5658IPZ Datasheet(HTML) 49 Page - Texas Instruments

Back Button MSP430F5658IPZ Datasheet HTML 45Page - Texas Instruments MSP430F5658IPZ Datasheet HTML 46Page - Texas Instruments MSP430F5658IPZ Datasheet HTML 47Page - Texas Instruments MSP430F5658IPZ Datasheet HTML 48Page - Texas Instruments MSP430F5658IPZ Datasheet HTML 49Page - Texas Instruments MSP430F5658IPZ Datasheet HTML 50Page - Texas Instruments MSP430F5658IPZ Datasheet HTML 51Page - Texas Instruments MSP430F5658IPZ Datasheet HTML 52Page - Texas Instruments MSP430F5658IPZ Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 144 page
background image
8.40 12-Bit ADC, Linearity Parameters Using AVCC as Reference Voltage
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX UNIT
EI
Integral linearity error(2)
See (1)
2.2 V, 3 V
±2.0
LSB
ED
Differential linearity error(2)
See (1)
2.2 V, 3 V
±1
LSB
EO
Offset error(3)
See (1)
2.2 V, 3 V
±1
±2
LSB
EG
Gain error(3)
See (1)
2.2 V, 3 V
±2
±4
LSB
ET
Total unadjusted error
See (1)
2.2 V, 3 V
±2
±5
LSB
(1)
AVCC as reference voltage is selected by: SREF2 = 0, SREF1 = 0, SREF0 = 0.
(2)
Parameters are derived using the histogram method.
(3)
Parameters are derived using a best fit curve.
8.41 12-Bit ADC, Linearity Parameters Using the Internal Reference Voltage
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
VCC
MIN
TYP
MAX UNIT
EI
Integral
linearity error(2)
ADC12SR = 0, REFOUT = 1
fADC12CLK ≤ 4.0 MHz
2.2 V, 3 V
±2.0
LSB
ADC12SR = 0, REFOUT = 0
fADC12CLK ≤ 2.7 MHz
±2.5
ED
Differential
linearity error(2)
ADC12SR = 0, REFOUT = 1
fADC12CLK ≤ 4.0 MHz
2.2 V, 3 V
–1
+1.5
LSB
ADC12SR = 0, REFOUT = 1
fADC12CLK ≤ 2.7 MHz
±1
ADC12SR = 0, REFOUT = 0
fADC12CLK ≤ 2.7 MHz
–1
+2.5
EO
Offset error(3)
ADC12SR = 0, REFOUT = 1
fADC12CLK ≤ 4.0 MHz
2.2 V, 3 V
±2
±4
LSB
ADC12SR = 0, REFOUT = 0
fADC12CLK ≤ 2.7 MHz
±2
±4
EG
Gain error(3)
ADC12SR = 0, REFOUT = 1
fADC12CLK ≤ 4.0 MHz
2.2 V, 3 V
±1
±2.5
LSB
ADC12SR = 0, REFOUT = 0
fADC12CLK ≤ 2.7 MHz
±1%(4) VREF
ET
Total unadjusted error
ADC12SR = 0, REFOUT = 1
fADC12CLK ≤ 4.0 MHz
2.2 V, 3 V
±2
±5
LSB
ADC12SR = 0, REFOUT = 0
fADC12CLK ≤ 2.7 MHz
±1%(4) VREF
(1)
The external reference voltage is selected by: SREF2 = 0, SREF1 = 0, SREF0 = 1. dVREF = VR+ – VR–.
(2)
Parameters are derived using the histogram method.
(3)
Parameters are derived using a best fit curve.
(4)
The gain error and the total unadjusted error are dominated by the accuracy of the integrated reference module absolute accuracy. In
this mode, the reference voltage used by the ADC12_A is not available on a pin.
8.42 12-Bit ADC, Temperature Sensor and Built-In VMID
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER(1)
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VSENSOR
Temperature sensor voltage(2)
(see Figure 8-16)
ADC12ON = 1, INCH = 0Ah, TA = 0°C
2.2 V
680
mV
3 V
680
TCSENSOR
Temperature coefficient of sensor
ADC12ON = 1, INCH = 0Ah
2.2 V, 3V
2.25(2)
mV/°C
tSENSOR(sample)
Sample time required if
channel 10 is selected(3)
ADC12ON = 1, INCH = 0Ah,
Error of conversion result ≤ 1 LSB
2.2 V
30
µs
3 V
30
VMID
AVCC divider at channel 11
ADC12ON = 1, INCH = 0Bh,
VMID ≈ 0.5 × VAVCC
2.2 V
1.06
1.1
1.14
V
3 V
1.46
1.5
1.54
tVMID(sample)
Sample time required if
channel 11 is selected(4)
ADC12ON = 1, INCH = 0Bh,
Error of conversion result ≤ 1 LSB
2.2 V, 3 V
1000
ns
(1)
The temperature sensor is provided by the REF module. See the REF module parametric, IREF+, regarding the current consumption of
the temperature sensor.
(2)
The temperature sensor offset can be significant. TI recommends a single-point calibration to minimize the offset error of the built-in
temperature sensor. The TLV structure contains calibration values for 30°C ±3°C and 85°C ±3°C for each of the available reference
voltage levels. The sensor voltage can be computed as VSENSE = TCSENSOR × (Temperature,°C) + VSENSOR, where TCSENSOR and
www.ti.com
MSP430F6659, MSP430F6658, MSP430F6459, MSP430F6458
MSP430F5659, MSP430F5658, MSP430F5359, MSP430F5358
SLAS700E – OCTOBER 2012 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: MSP430F6659 MSP430F6658 MSP430F6459 MSP430F6458 MSP430F5659
MSP430F5658 MSP430F5359 MSP430F5358



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com