Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5658IPZ Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5658IPZ
Description  MSP430F665x, MSP430F645x, MSP430F565x, MSP430F535x Mixed-Signal Microcontrollers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5658IPZ Datasheet(HTML) 2 Page - Texas Instruments

  MSP430F5658IPZ Datasheet HTML 1Page - Texas Instruments MSP430F5658IPZ Datasheet HTML 2Page - Texas Instruments MSP430F5658IPZ Datasheet HTML 3Page - Texas Instruments MSP430F5658IPZ Datasheet HTML 4Page - Texas Instruments MSP430F5658IPZ Datasheet HTML 5Page - Texas Instruments MSP430F5658IPZ Datasheet HTML 6Page - Texas Instruments MSP430F5658IPZ Datasheet HTML 7Page - Texas Instruments MSP430F5658IPZ Datasheet HTML 8Page - Texas Instruments MSP430F5658IPZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 144 page
background image
The MSP430F665x and MSP430F565x series are microcontroller configurations with four 16-bit timers, a high-
performance 12-bit ADC, three USCIs, a hardware multiplier, DMA, an RTC module with alarm capabilities, a
comparator, USB 2.0, and up to 74 I/O pins.
The MSP430F645x and MSP430F535x series are microcontroller configurations with an integrated 3.3-V LDO,
four 16-bit timers, a high-performance 12-bit ADC, three USCIs, a hardware multiplier, DMA, an RTC module
with alarm capabilities, a comparator, and up to 74 I/O pins.
For complete module descriptions, see the MSP430F5xx and MSP430F6xx Family User's Guide.
Device Information
PART NUMBER(1)
PACKAGE
BODY SIZE(2)
MSP430F6659IPZ
LQFP (100)
14 mm × 14 mm
MSP430F6659IZCA
nFBGA (113)
7 mm × 7 mm
MSP430F6659IZQW(3)
MicroStar Junior™ BGA (113)
7 mm × 7 mm
(1)
For the most current device, package, and ordering information, see the Package Option Addendum in Section 11, or see the TI
website at www.ti.com.
(2)
The sizes shown here are approximations. For the package dimensions with tolerances, see the Mechanical Data in Section 11.
(3)
All orderable part numbers in the ZQW (MicroStar Junior BGA) package have been changed to a status of Last Time Buy. Visit the
Product life cycle page for details on this status.
MSP430F6659, MSP430F6658, MSP430F6459, MSP430F6458
MSP430F5659, MSP430F5658, MSP430F5359, MSP430F5358
SLAS700E – OCTOBER 2012 – REVISED SEPTEMBER 2020
www.ti.com
2
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: MSP430F6659 MSP430F6658 MSP430F6459 MSP430F6458 MSP430F5659
MSP430F5658 MSP430F5359 MSP430F5358



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com