Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5658IPZ Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5658IPZ
Description  MSP430F665x, MSP430F645x, MSP430F565x, MSP430F535x Mixed-Signal Microcontrollers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5658IPZ Datasheet(HTML) 21 Page - Texas Instruments

Back Button MSP430F5658IPZ Datasheet HTML 17Page - Texas Instruments MSP430F5658IPZ Datasheet HTML 18Page - Texas Instruments MSP430F5658IPZ Datasheet HTML 19Page - Texas Instruments MSP430F5658IPZ Datasheet HTML 20Page - Texas Instruments MSP430F5658IPZ Datasheet HTML 21Page - Texas Instruments MSP430F5658IPZ Datasheet HTML 22Page - Texas Instruments MSP430F5658IPZ Datasheet HTML 23Page - Texas Instruments MSP430F5658IPZ Datasheet HTML 24Page - Texas Instruments MSP430F5658IPZ Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 144 page
background image
Table 7-1. Signal Descriptions (continued)
TERMINAL
I/O(1)
DESCRIPTION
NAME
NO.
PZ
ZCA,
ZQW
P8.6/UCB1SOMI/UCB1SCL/S9
66
G9
I/O
General-purpose digital I/O
USCI_B1 SPI slave out, master in
USCI_B1 I2C clock
LCD segment output S9 (not available on F5659, F5658, F5359, F5358 devices)
P8.7/S8
67
E12
I/O
General-purpose digital I/O
LCD segment output S8 (not available on F5659, F5658, F5359, F5358 devices)
P9.0/S7
68
E11
I/O
General-purpose digital I/O
LCD segment output S7 (not available on F5659, F5658, F5359, F5358 devices)
P9.1/UCB2STE/UCA2CLK/S6
69
F9
I/O
General-purpose digital I/O
USCI_B2 SPI slave transmit enable
USCI_A2 clock input/output
LCD segment output S6 (not available on F5659, F5658, F5359, F5358 devices)
P9.2/UCA2TXD/UCA2SIMO/S5
70
D12
I/O
General-purpose digital I/O
USCI_A2 UART transmit data
USCI_A2 SPI slave in, master out
LCD segment output S5 (not available on F5659, F5658, F5359, F5358 devices)
P9.3/UCA2RXD/UCA2SOMI/S4
71
D11
I/O
General-purpose digital I/O
USCI_A2 UART receive data
USCI_A2 SPI slave out, master in
LCD segment output S4 (not available on F5659, F5658, F5359, F5358 devices)
P9.4/UCB2CLK/UCA2STE/S3
72
E9
I/O
General-purpose digital I/O
USCI_B2 clock input/output
USCI_A2 SPI slave transmit enable
LCD segment output S3 (not available on F5659, F5658, F5359, F5358 devices)
P9.5/UCB2SIMO/UCB2SDA/S2
73
C12
I/O
General-purpose digital I/O
USCI_B2 SPI slave in, master out
USCI_B2 I2C data
LCD segment output S2 (not available on F5659, F5658, F5359, F5358 devices)
P9.6/UCB2SOMI/UCB2SCL/S1
74
C11
I/O
General-purpose digital I/O
USCI_B2 SPI slave out, master in
USCI_B2 I2C clock
LCD segment output S1 (not available on F5659, F5658, F5359, F5358 devices)
P9.7/S0
75
D9
I/O
General-purpose digital I/O
LCD segment output S0 (not available on F5659, F5658, F5359, F5358 devices)
VSSU
76
B11,
B12
USB PHY or PU ground supply
PU.0/DP
77
A12
I/O
General-purpose digital I/O – controlled by USB or PU control register (Port U is
supplied the LDOO rail)
USB data terminal DP (not available on F6459, F6458, F5359, F5358 devices)
www.ti.com
MSP430F6659, MSP430F6658, MSP430F6459, MSP430F6458
MSP430F5659, MSP430F5658, MSP430F5359, MSP430F5358
SLAS700E – OCTOBER 2012 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: MSP430F6659 MSP430F6658 MSP430F6459 MSP430F6458 MSP430F5659
MSP430F5658 MSP430F5359 MSP430F5358



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com