Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP47CVB01 Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP47CVB01
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CVB01 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP47CVB01 Datasheet HTML 25Page - Microchip Technology MCP47CVB01 Datasheet HTML 26Page - Microchip Technology MCP47CVB01 Datasheet HTML 27Page - Microchip Technology MCP47CVB01 Datasheet HTML 28Page - Microchip Technology MCP47CVB01 Datasheet HTML 29Page - Microchip Technology MCP47CVB01 Datasheet HTML 30Page - Microchip Technology MCP47CVB01 Datasheet HTML 31Page - Microchip Technology MCP47CVB01 Datasheet HTML 32Page - Microchip Technology MCP47CVB01 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 124 page
background image
 2018-2019 Microchip Technology Inc.
DS20006089B-page 29
MCP47CXBXX
2.2.3
DIFFERENTIAL NONLINEARITY (DNL) – MCP47CXB2X (12-BIT), VREF =VDD
(VRXB:VRXA = 10), GAIN = 1x, CODE 64-4032
Note:
Unless otherwise indicated, TA =+25°C, VDD =5.5V.
FIGURE 2-22:
DNL Error vs. DAC Code
and Temperature (Single Channel –
MCP47CXB21), VDD =5.5V.
FIGURE 2-23:
DNL Error vs. DAC Code
and Temperature (Single Channel –
MCP47CXB21), VDD =2.7V.
FIGURE 2-24:
DNL Error vs. DAC Code
and Temperature (Single Channel –
MCP47CXB21), VDD =1.8V.
FIGURE 2-25:
DNL Error vs. DAC Code
and Temperature (Dual Channel –
MCP47CXB22), VDD =5.5V.
FIGURE 2-26:
DNL Error vs. DAC Code
and Temperature (Dual Channel –
MCP47CXB22), VDD =2.7V.
FIGURE 2-27:
DNL Error vs. DAC Code
and Temperature (Dual Channel –
MCP47CXB22), VDD =1.8V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com