Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP47CVB01 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP47CVB01
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CVB01 Datasheet(HTML) 5 Page - Microchip Technology

  MCP47CVB01 Datasheet HTML 1Page - Microchip Technology MCP47CVB01 Datasheet HTML 2Page - Microchip Technology MCP47CVB01 Datasheet HTML 3Page - Microchip Technology MCP47CVB01 Datasheet HTML 4Page - Microchip Technology MCP47CVB01 Datasheet HTML 5Page - Microchip Technology MCP47CVB01 Datasheet HTML 6Page - Microchip Technology MCP47CVB01 Datasheet HTML 7Page - Microchip Technology MCP47CVB01 Datasheet HTML 8Page - Microchip Technology MCP47CVB01 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 124 page
background image
 2018-2019 Microchip Technology Inc.
DS20006089B-page 5
MCP47CXBXX
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings(†)
Voltage on VDD with respect to VSS ......................................................................................................... -0.6V to +6.5V
Voltage on all pins with respect to VSS ............................................................................................. -0.6V to VDD + 0.3V
Input clamp current, IIK (VI <0, VI >VDD, VI >VPP on HV pins) ..........................................................................±20 mA
Output clamp current, IOK (VO <0 or VO >VDD)...................................................................................................±20 mA
Maximum current out of VSS pin
(Single) ..........................................................................................................50 mA
(Dual)...........................................................................................................100 mA
Maximum current into VDD pin
(Single) ..........................................................................................................50 mA
(Dual)...........................................................................................................100 mA
Maximum current sourced by the VOUT pin ............................................................................................................20 mA
Maximum current sunk by the VOUT pin..................................................................................................................20 mA
Maximum current source/sunk by the VREF(0) pin (in Band Gap mode) .................................................................20 mA
Maximum current sunk by the VREFx pin (when VREF is in Unbuffered mode) ......................................................175 µA
Maximum current sourced by the VREFx pin ............................................................................................................20 µA
Maximum current sunk by the VREF pin.................................................................................................................125 µA
Maximum input current source/sunk by SDA, SCL pins ..........................................................................................2 mA
Maximum output current sunk by SDA output pin ..................................................................................................25 mA
Total power dissipation(1) .....................................................................................................................................400 mW
ESD protection on all pins
±6 kV (HBM)
±400V (MM)
±2 kV (CDM)
Latch-up (per JEDEC JESD78A) at +125°C ......................................................................................................±100 mA
Storage temperature ...............................................................................................................................-65°C to +150°C
Ambient temperature with power applied ...............................................................................................-55°C to +125°C
Soldering temperature of leads (10 seconds) ....................................................................................................... +300°C
Maximum Junction Temperature (TJ).................................................................................................................... +150°C
Note 1: Power dissipation is calculated as follows:
PDIS =VDD x{IDD –  IOH}+  {(VDD –VOH)x IOH}+ (VOL xIOL)
† Notice: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended
periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com