Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP47CVB01 Datasheet(PDF) 83 Page - Microchip Technology

Part # MCP47CVB01
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CVB01 Datasheet(HTML) 83 Page - Microchip Technology

Back Button MCP47CVB01 Datasheet HTML 79Page - Microchip Technology MCP47CVB01 Datasheet HTML 80Page - Microchip Technology MCP47CVB01 Datasheet HTML 81Page - Microchip Technology MCP47CVB01 Datasheet HTML 82Page - Microchip Technology MCP47CVB01 Datasheet HTML 83Page - Microchip Technology MCP47CVB01 Datasheet HTML 84Page - Microchip Technology MCP47CVB01 Datasheet HTML 85Page - Microchip Technology MCP47CVB01 Datasheet HTML 86Page - Microchip Technology MCP47CVB01 Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 124 page
background image
 2018-2019 Microchip Technology Inc.
DS20006089B-page 83
MCP47CXBXX
7.7
General Call Commands
The MCP47CXBXX Acknowledges the general call
address command (00h in the first byte). General call
commands can be used to communicate to all devices
on the I2C bus (at the same time) that understand the
general call command. The meaning of the general call
address is always specified in the second byte (see
Figure 7-8).
If the second byte has a ‘1’ in the LSb, the specification
intends this to indicate a “Hardware General Call”. The
MCP47CXBXX will ignore this byte and all following
bytes (and A), until a Stop bit (P) is encountered.
The MCP47CXBXX devices support the following I2C
general call commands:
• General Call Reset (06h)
• General Call Wake-up (0Ah)
The General Call Reset command format is specified
by the I2C Specification. The general call wake-up
command is a Microchip-defined format. The general
call wake-up command will have all devices wake-up
(that is, exit the Power-Down mode).
The other two I2C specification command codes (04h
and 00h) are not supported, and therefore, those
commands are Not Acknowledged.
If these 7-bit commands conflict with other I2C devices
on the bus, the user will need two I2C buses to ensure
that the devices are on the correct bus for their desired
application functionality.
FIGURE 7-8:
General Call Formats.
Note:
Refer
to
the
“NXP
Specification”,
#UM10204, Rev. 03 19, June 2007 docu-
ment for more details on the general call
specifications. The I2C specification does
not allow ‘00000000’ (00h) in the second
byte.
S
0
A
0
x
x
0
A
General Call Address
7-Bit Command
0
0
0
0
0
0
0
x
P
0
0
0
I2C ACK Bit(1)
A
P
S
x
x
I2C Start Bit
GC Command
I2C Stop Bit(2,3)
Legend:
x
Note 1: The Acknowledge bit is generated by the MCP47CXBXX.
2: This command sequence does not need to terminate (using the Stop bit) and the general call com-
mand can be repeated or another general call command can be sent. Only the first command will
be accepted by the MCP47CXBXX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com