Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFS154 Datasheet(PDF) 43 Page - PADAUK Technology.

Part # PFS154
Description  8bit MTP Type IO controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS154 Datasheet(HTML) 43 Page - PADAUK Technology.

Back Button PFS154 Datasheet HTML 39Page - PADAUK Technology. PFS154 Datasheet HTML 40Page - PADAUK Technology. PFS154 Datasheet HTML 41Page - PADAUK Technology. PFS154 Datasheet HTML 42Page - PADAUK Technology. PFS154 Datasheet HTML 43Page - PADAUK Technology. PFS154 Datasheet HTML 44Page - PADAUK Technology. PFS154 Datasheet HTML 45Page - PADAUK Technology. PFS154 Datasheet HTML 46Page - PADAUK Technology. PFS154 Datasheet HTML 47Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 91 page
background image
PFS154
8bit MTP Type IO Controller
©Copyright 2020, PADAUK Technology Co. Ltd
Page 43 of 91
PDK-DS-PFS154_CN_V105 –Jun. 9, 2020
5.12. Comparator
One hardware comparator is built inside the PFS154; Fig. 9 shows its hardware diagram. It can compare
signals between two pins or with either internal reference voltage Vinternal R or internal band-gap reference
voltage. The two signals to be compared, one is the plus input and the other one is the minus input. For the
minus input of comparator can be PA3, PA4, Internal band-gap 1.20V, PB6, PB7 or Vinternal R selected by bit
[3:1] of gpcc register, and the plus input of comparator can be PA4 or Vinternal R selected by bit 0 of gpcc
register. The output result can be enabled to output to PA0 directly, or sampled by Time2 clock (TM2_CLK)
which comes from Timer2 module. The output can be also inversed the polarity by bit 4 of gpcc register. The
comparator output can be used to request interrupt service.
Fig. 9: Hardware diagram of comparator
5.12.1 Internal reference voltage (Vinternal R)
The internal reference voltage Vinternal R is built by series resistance to provide different level of reference
voltage, bit 4 and bit 5 of gpcs register are used to select the maximum and minimum values of Vinternal R and
bit [3:0] of gpcs register are used to select one of the voltage level which is deivided-by-16 from the defined
maximum level to minimum level. Fig. 10 to Fig. 13 shows four conditions to have different reference voltage
Vinternal R. By setting the gpcs register, the internal reference voltage Vinternal R can be ranged from (1/32)*VDD to
(3/4)*VDD.
gpcs.5=1
gpcs.5=0
gpcs.4=0
gpcs.4=1
8R
R
R
R
R
16 stages
VDD
8R
8R
MUX
gpcs[3:0]
000
001
M
010
U
01
X
100
101
0
MUX
1
+
-
D
F
F
M
U
X
Timer 2
cloc
TM2_CLK
X
O
R
gpcc.4
gpcc.5
gpcs.7
To
PA0
gpcc.6
gpcc[3:1]
PA3/CIN1-
PA4/CIN4-
Band-gap
PB6/CIN2-
PB7/CIN3-
PA4/CIN+
gpcc.0
V
interna R
To request interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com