Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFS154 Datasheet(PDF) 52 Page - PADAUK Technology.

Part # PFS154
Description  8bit MTP Type IO controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS154 Datasheet(HTML) 52 Page - PADAUK Technology.

Back Button PFS154 Datasheet HTML 48Page - PADAUK Technology. PFS154 Datasheet HTML 49Page - PADAUK Technology. PFS154 Datasheet HTML 50Page - PADAUK Technology. PFS154 Datasheet HTML 51Page - PADAUK Technology. PFS154 Datasheet HTML 52Page - PADAUK Technology. PFS154 Datasheet HTML 53Page - PADAUK Technology. PFS154 Datasheet HTML 54Page - PADAUK Technology. PFS154 Datasheet HTML 55Page - PADAUK Technology. PFS154 Datasheet HTML 56Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 91 page
background image
PFS154
8bit MTP Type IO Controller
©Copyright 2020, PADAUK Technology Co. Ltd
Page 52 of 91
PDK-DS-PFS154_CN_V105 –Jun. 9, 2020
5.13.3
Using the Timer2 to generate 6-bit PWM waveform
If 6-bit PWM mode is selected, it should set tm2c[1]=1 and tm2s[7]=1, the frequency and duty cycle of
output waveform can be summarized as below:
Frequency of Output = Y ÷ [64 × S1 × (S2+1) ]
Duty of Output = [( K+1 ) ÷ 64] × 100%
Where,
tm2c[7:4] = Y : frequency of selected clock source
tm2b[7:0] = K : bound register in decimal
tm2s[6:5] = S1 : pre-scalar (S1= 1, 4, 16, 64)
tm2s[4:0] = S2 : scalar register in decimal (S2= 0 ~ 31)
Example 1:
tm2c = 0b0001_1010, Y=8MHz
tm2b = 0b0001_1111, K=31
tm2s = 0b1_00_00000, S1=1, S2=0
 frequency of output = 8MHz ÷ ( 64 × 1 × (0+1) ) = 125KHz
 duty = [(31+1) ÷ 64] × 100% = 50%
Example 2:
tm2c = 0b0001_1010, Y=8MHz
tm2b = 0b0001_1111, K=31
tm2s = 0b1_11_11111, S1=64, S2=31
 frequency of output = 8MHz ÷ ( 64 × 64 × (31+1) ) = 61.03Hz
 duty of output = [(31+1) ÷ 64] × 100% = 50%
Example 3:
tm2c = 0b0001_1010, Y=8MHz
tm2b = 0b0011_1111, K=63
tm2s = 0b1_00_00000, S1=1, S2=0
 frequency of output = 8MHz ÷ ( 64 × 1 × (0+1) ) = 125KHz
 duty of output = [(63+1) ÷ 64] × 100% = 100%
Example 4:
tm2c = 0b0001_1010, Y=8MHz
tm2b = 0b0000_0000, K=0
tm2s = 0b1_00_00000, S1=1, S2=0
 Frequency = 8MHz ÷ ( 64 × 1 × (0+1) ) = 125KHz
 Duty = [(0+1) ÷ 64] × 100% =1.5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com