Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFS154 Datasheet(PDF) 20 Page - PADAUK Technology.

Part # PFS154
Description  8bit MTP Type IO controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS154 Datasheet(HTML) 20 Page - PADAUK Technology.

Back Button PFS154 Datasheet HTML 16Page - PADAUK Technology. PFS154 Datasheet HTML 17Page - PADAUK Technology. PFS154 Datasheet HTML 18Page - PADAUK Technology. PFS154 Datasheet HTML 19Page - PADAUK Technology. PFS154 Datasheet HTML 20Page - PADAUK Technology. PFS154 Datasheet HTML 21Page - PADAUK Technology. PFS154 Datasheet HTML 22Page - PADAUK Technology. PFS154 Datasheet HTML 23Page - PADAUK Technology. PFS154 Datasheet HTML 24Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 91 page
background image
PFS154
8bit MTP Type IO Controller
©Copyright 2020, PADAUK Technology Co. Ltd
Page 20 of 91
PDK-DS-PFS154_CN_V105 –Jun. 9, 2020
4.7. Typical Operating Current vs. VDD and CLK=IHRC/n
Conditions: ON: IHRC, Band-gap, LVR; OFF: T16 modules, ILRC modules;
IO: PA0:0.5Hz output toggle and no loading, others: input and no floating
IHRC/n vs. VDD
0
0.2
0.4
0.6
0.8
1
1.2
1.4
2
2.5
3
3.5
4
4.5
5
5.5
VDD (V)
IHRC/2
IHRC/4
IHRC/8
IHRC/16
IHRC/32
IHRC/64
4.8. Typical Operating Current vs. VDD and CLK=ILRC/n
Conditions: ON: ILRC, Band-gap, LVR; OFF: T16 modules, IHRC modules;
IO: PA0:0.5Hz output toggle and no loading, others: input and no floating
ILRC/n vs. VDD
30
40
50
60
70
80
90
2
2.5
3
3.5
4
4.5
5
5.5
VDD (V)
ILRC/1
ILRC/4
ILRC/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com