Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFS172 Datasheet(PDF) 18 Page - PADAUK Technology.

Part # PFS172
Description  8bit MTP Type MCU with 8-bit ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS172 Datasheet(HTML) 18 Page - PADAUK Technology.

Back Button PFS172 Datasheet HTML 14Page - PADAUK Technology. PFS172 Datasheet HTML 15Page - PADAUK Technology. PFS172 Datasheet HTML 16Page - PADAUK Technology. PFS172 Datasheet HTML 17Page - PADAUK Technology. PFS172 Datasheet HTML 18Page - PADAUK Technology. PFS172 Datasheet HTML 19Page - PADAUK Technology. PFS172 Datasheet HTML 20Page - PADAUK Technology. PFS172 Datasheet HTML 21Page - PADAUK Technology. PFS172 Datasheet HTML 22Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 92 page
background image
PFS172
8bit MTP MCU with 8-bit ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 18 of 92
PDK-DS-PFS172-EN_V000-May 8, 2020
4.2. Absolute Maximum Ratings
Supply Voltage ……………………………......
1.8V ~ 5.5V
*If VDD is over the maximum rating, it may lead to a permanent damage of IC.
Input Voltage …………………………………..
-0.3V ~ VDD + 0.3V
Operating Temperature ..................................
-20
oC ~ 70oC
Junction Temperature …………………………
150°C
Storage Temperature …………………………
-50°C ~ 125°C
4.3. Typical ILRC frequency vs. VDD
4.4. Typical IHRC frequency deviation vs. VDD (calibrated to 16MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com