Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F15213 Datasheet(PDF) 55 Page - Microchip Technology

Part # PIC16F15213
Description  PIC16F15213/14/23/24/43/44 Full-Featured 8/14/20-Pin Microcontrollers
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 Datasheet(HTML) 55 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 51Page - Microchip Technology PIC16F15213 Datasheet HTML 52Page - Microchip Technology PIC16F15213 Datasheet HTML 53Page - Microchip Technology PIC16F15213 Datasheet HTML 54Page - Microchip Technology PIC16F15213 Datasheet HTML 55Page - Microchip Technology PIC16F15213 Datasheet HTML 56Page - Microchip Technology PIC16F15213 Datasheet HTML 57Page - Microchip Technology PIC16F15213 Datasheet HTML 58Page - Microchip Technology PIC16F15213 Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 420 page
background image
Important:  The address range 0x2000 to 0x2FEF represents the complete addressable Linear Data
Memory for PIC
® devices (up to Bank 50). The actual implemented Linear Data Memory will differ from one
device to the other in a family.
Unimplemented memory reads as 0x00. Use of the linear data memory region allows buffers to be larger than 80
bytes because incrementing the FSR beyond one bank will go directly to the GPR memory of the next bank.
The 16 bytes of common memory are not included in the linear data memory region.
9.6.3
Program Flash Memory
To make constant data access easier, the entire Program Flash Memory is mapped to the upper half of the FSR
address space. When the MSB of FSRnH is set, the lower 15 bits are the address in program memory which will be
accessed through INDF. Only the lower eight bits of each memory location are accessible via INDF. Writing to the
Program Flash Memory cannot be accomplished via the FSR/INDF interface. All instructions that access Program
Flash Memory via the FSR/INDF interface will require one additional instruction cycle to complete.
Figure 9-16. Program Flash Memory Map
Filename:
10-000058A.vsd
Title:
PROGRAM FLASH MEMORY MAP
Last Edit:
7/31/2013
First Used:
PIC16F1508/9
Note:
0x0000
Program
Flash
Memory
(low 8 bits)
0x7FFF
1
00
77
FSRnH
FSRnL
Location Select
0x8000
0xFFFF
Rev. 10-000058A
7/31/2013
9.7
Register Definitions: Memory Organization
PIC16F15213/14/23/24/43/44
Memory Organization
© 2020 Microchip Technology Inc.
Preliminary Datasheet
DS40002195A-page 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com