Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F15213 Datasheet(PDF) 61 Page - Microchip Technology

Part # PIC16F15213
Description  PIC16F15213/14/23/24/43/44 Full-Featured 8/14/20-Pin Microcontrollers
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 Datasheet(HTML) 61 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 57Page - Microchip Technology PIC16F15213 Datasheet HTML 58Page - Microchip Technology PIC16F15213 Datasheet HTML 59Page - Microchip Technology PIC16F15213 Datasheet HTML 60Page - Microchip Technology PIC16F15213 Datasheet HTML 61Page - Microchip Technology PIC16F15213 Datasheet HTML 62Page - Microchip Technology PIC16F15213 Datasheet HTML 63Page - Microchip Technology PIC16F15213 Datasheet HTML 64Page - Microchip Technology PIC16F15213 Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 420 page
background image
9.7.6
FSR1
Name: 
FSR1
Address: 
0x006
Indirect Address Register
The FSR1 value is the address of the data to which the INDF1 register points.
Bit
15
14
13
12
11
10
9
8
FSR1[15:8]
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
FSR1[7:0]
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
0
0
0
0
0
0
0
0
Bits 15:0 – FSR1[15:0]
Address of INDF1 data
Note:  The individual bytes in this multi-byte register can be accessed with the following register names:
• FSR1H: Accesses the high byte FSR1[15:8]
• FSR1L: Accesses the low byte FSR1[7:0]
PIC16F15213/14/23/24/43/44
Memory Organization
© 2020 Microchip Technology Inc.
Preliminary Datasheet
DS40002195A-page 61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com