Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F15213 Datasheet(PDF) 81 Page - Microchip Technology

Part # PIC16F15213
Description  PIC16F15213/14/23/24/43/44 Full-Featured 8/14/20-Pin Microcontrollers
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 Datasheet(HTML) 81 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 77Page - Microchip Technology PIC16F15213 Datasheet HTML 78Page - Microchip Technology PIC16F15213 Datasheet HTML 79Page - Microchip Technology PIC16F15213 Datasheet HTML 80Page - Microchip Technology PIC16F15213 Datasheet HTML 81Page - Microchip Technology PIC16F15213 Datasheet HTML 82Page - Microchip Technology PIC16F15213 Datasheet HTML 83Page - Microchip Technology PIC16F15213 Datasheet HTML 84Page - Microchip Technology PIC16F15213 Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 420 page
background image
Important:  OSCTUNE tuning does not affect the LFINTOSC frequency.
11.2.2.1.2 MFINTOSC
The Medium-Frequency Internal Oscillator (MFINTOSC) generates two constant clock outputs (500 kHz and 31.25
kHz). The MFINTOSC clock signals are created from the HFINTOSC using dynamic divider logic, which provides
constant MFINTOSC clock rates regardless of selected HFINTOSC frequency.
The MFINTOSC cannot be used as the system clock, but can be used as a clock source for certain peripherals, such
as a Timer.
11.2.2.2 LFINTOSC
The Low-Frequency Internal Oscillator (LFINTOSC) is a factory-calibrated 31 kHz internal clock source.
The LFINTOSC can be used as a system clock source, and may be used by certain peripheral modules as a clock
source. Additionally, the LFINTOSC provides a time base for the following:
• Power-up Timer (PWRT)
• Watchdog Timer (WDT)
The LFINTOSC is enabled by programming the RSTOSC Configuration bits to select LFINTOSC.
11.3
Register Definitions: Oscillator Control
PIC16F15213/14/23/24/43/44
OSC - Oscillator Module
© 2020 Microchip Technology Inc.
Preliminary Datasheet
DS40002195A-page 81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com