Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL01 Datasheet(PDF) 14 Page - LG Semicon Co.,Ltd.

Part # SL01
Description  17??SXGA TFT LCD
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

SL01 Datasheet(HTML) 14 Page - LG Semicon Co.,Ltd.

Back Button SL01 Datasheet HTML 10Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 11Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 12Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 13Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 14Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 15Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 16Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 17Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 18Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
Product Specification
LB170E01-SL01
Liquid Crystal Display
3-3. Signal Timing Specifications
This is signal timing required at the input of the TMDS transmitter. All of the interface signal timing should be
satisfied with the following specifications for it’s proper operation.
Table 6. TIMING TABLE
Note:
ITEM
Symbol
Min
Typ
Max
Unit
Note
DCLK
Period
tCLK
14.7
18.5
23.6
ns
Frequency
-
42.3
54.0
68.4
MHz
Horizontal
total
tHP
688
844
960
tCLK
Frequency
fH
49.4
64.0
81.3
KHz
Blanking
48
204
300
tCLK
valid
tWH
640
640
640
tCLK
Vertical
total
tVP
1040
1066
1320
tHP
Frequency
fV
47
60
76
Hz
Blanking
16
42
296
tHP
valid
tWV
1024
1024
1024
tHP
Ver. 1.0
Dec. 16. 2013
13 / 31
1. DE Only mode operation. The input of Hsync & Vsync signal does not
have an effect on LCD normal operation.
2. The performance of the electro-optical characteristics may be influenced by variance of the
vertical refresh rates.
3. Horizontal period should be even.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com