Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL01 Datasheet(PDF) 22 Page - LG Semicon Co.,Ltd.

Part # SL01
Description  17??SXGA TFT LCD
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

SL01 Datasheet(HTML) 22 Page - LG Semicon Co.,Ltd.

Back Button SL01 Datasheet HTML 18Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 19Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 20Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 21Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 22Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 23Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 24Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 25Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 26Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Product Specification
LB170E01-SL01
Liquid Crystal Display
25% Box size
Dark skin (i=1)
Light skin
Blue sky
Foliage
Blue flower
Bluish green
R
98
206
85
77
129
114
G
56
142
112
102
118
199
B
45
123
161
46
185
178
Orange
Purplish blue
Moderate red
Purple
Yellow green
Orange yellow
R
219
56
211
76
160
230
Average RGB values in Bruce RGB for Macbeth Chart
Color shift is defined as the following test pattern and color.
FIG.9 Color Shift Test Pattern
Ver. 1.0
Dec. 16. 2013
21 / 31
G
104
69
67
39
193
162
B
24
174
87
86
58
29
Blue
Green
Red
Yellow
Magenta
Cyan
R
26
72
197
241
207
35
G
32
148
27
212
62
126
B
145
65
37
36
151
172
White
Neutral 8
Neutral 6.5
Neutral 5
Neutral 3.5
Black
R
240
206
155
110
63
22
G
240
206
155
110
63
22
B
240
206
155
110
63
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com