Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL01 Datasheet(PDF) 19 Page - LG Semicon Co.,Ltd.

Part # SL01
Description  17??SXGA TFT LCD
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

SL01 Datasheet(HTML) 19 Page - LG Semicon Co.,Ltd.

Back Button SL01 Datasheet HTML 15Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 16Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 17Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 18Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 19Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 20Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 21Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 22Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 23Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
Product Specification
LB170E01-SL01
Liquid Crystal Display
Optical characteristics are determined after the unit has been ‘ON’ for approximately 15 minutes
in a dark environment at 25± 2°C. The values specified are at an approximate distance 50cm from the LCD
surface at a viewing angle of Φ and θ equal to 0 °and aperture 1 degree.
FIG. 1 presents additional information concerning the measurement equipment and method.
4. Optical Specifications
50cm
Optical Stage(x,y)
LCD Module
PR 880 or RD 80S
or PR650
FIG.7 Optical Characteristic Measurement Equipment and Method
Table 9. OPTICAL CHARACTERISTICS
(Ta=25 °C, V
LCD=5V, fV=60Hz Dclk=45.5MHz)
Parameter
Symbol
Values
Units
Notes
Min
Typ
Max
Contrast Ratio
CR
600
1000
-
1
Surface Luminance, white
L
320
400
-
cd/m2
2
Ver. 1.0
Dec. 16. 2013
18 / 31
Surface Luminance, white
L
WH
320
400
-
cd/m2
2
Luminance Variation
δ WHITE
-
-
1.33
%
3
Response Time
Rise Time
Tr
R
-
13
20
ms
Decay Time
Tr
D
9
14
Color Coordinates
[CIE1931]
(By PR650)
RED
Rx
Typ
-0.03
0.639
Typ
+0.03
Ry
0.346
GREEN
Gx
0.319
Gy
0.636
BLUE
Bx
0.152
By
0.060
WHITE
Wx
0.310
Wy
0.338
Color Shift
(Avg. ∆u’v’ < 0.02))
Horizontal
θ
CST_H
-
178
-
Degree
4
Vertical
θ
CST_V
-
178
-
Viewing Angle (CR>10)
General
Horizontal
θH
170
178
-
Degree
5
Vertical
θV
170
178
-
GSR @ 60dgree
(Gamma shift rate)
Horizontal
δGamma_H
-
-
20
%
6
Vertical
δGamma_V
-
-
20
Gray Scale
-
2.2
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com