Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC8101 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MSC8101
Description  Silicon Errata for the MSC8101 Processor, Mask 0K40A
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8101 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MSC8101 Datasheet HTML 18Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 19Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 20Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 21Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 22Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 23Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 24Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 25Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Silicon Errata for the MSC8101 Processor, Mask 0K40A, Rev. 5
22
Freescale Semiconductor
CPM96
ATM Performance Monitoring with AAL1 CES
Date Added: 2/25/2003
Description: ATM Performance Monitoring with AAL1 CES Data in DPRAM is corrupted
when performance monitoring is enabled in the receiver.
Workaround: Implement one of the following:
1.
Disable Receive Performance Monitoring RCT[PMT]=0.
2.
Use microcode patch available from Freescale.
Fix Plan: TBD
0K40A
CPM98
I
2C Erratic Behavior Can Occur if Extra Clock Pulse is Detected on SCL
Date Added: 8/25/2003
Description: The I2C controller has an internal counter that counts the number of bits sent. This
counter is reset when the I2C controller detects a START condition. When an extra SCL clock
pulse is inserted between transactions (before START and after STOP conditions), the internal
counter may not get reset correctly. This could generate partial frames (less than 8 bits) in the next
transaction.
Workaround: Do not generate extra SCL pulses on the I2C bus. In a noisy environment, the dig-
ital filter I2MOD[FLT] and additional filtering capacitors should be used on SCL to eliminate
clock spikes that may be misinterpreted as clock pulses.
System Number: MSIls09133
Fix Plan:
0K40A
CPM99
CPM 99: ABR TCTE[ER-TA] Corruption
Date Added: 8/25/2003
Description: When the AAL5 ABR ROM microcode is in use, the TCTE[ER-TA] field can be
overwritten with an erroneous value. This, in turn, causes the TCTE[ER-BRM] to be updated with
this value. Because TCTE[ER-BRM] holds the maximum explicit rate value allowed for B-RM
cells, an erroneous value in this field could have a detrimental effect on the network performance.
Workaround: Use the microcode patch available from Freescale
0K40A
CPM100
CPM 100: ABR TCTE Address Miscalculation
Date Added: 8/25/2003
Description: When using the AAL5 ABR ROM microcode with external ATM channels it is pos-
sible for the EXT_TCTE_BASE word value (written by the user to DPRAM) to be misread. In
this case calculations performed by the microcode to access the users programmed external TCTE
will be incorrect with a high chance of the access resulting in a CPM crash.
Workaround: Use the microcode patch available from Freescale.
System Number: MSIls09131
Fix Plan:
0K40A
Table 2. Silicon Errata (Continued)
Errata
Number
Errata Description
Applies
to Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com