Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC8101 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MSC8101
Description  Silicon Errata for the MSC8101 Processor, Mask 0K40A
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8101 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MSC8101 Datasheet HTML 11Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 12Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 13Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 14Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 15Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 16Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 17Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 18Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Silicon Errata for the MSC8101 Processor, Mask 0K40A, Rev. 5
Freescale Semiconductor
15
CPM36
SI SYNC Timing Restriction
Date Added: 5/30/2000
Description: SI’s sync signal may not change exactly on clock edge in the following cases. The
bug affects operation only when the SI is in one of two modes:
fsd = 00, ce = 0, fe = 0, dsc=1
(Sync sampled with falling edge -> Sync should not change on rising edge)
fsd = 00, ce = 1, fe = 1, dsc=1
(Sync sampled with rising edge -> Sync should not change on falling edge).
Workaround: When working in these modes, the sync signal to the SI should be manipulated
such that it does not change on the exact edge of the serial clock. Toggle the sync at least 5ns after
the edge. One way to implement such a workaround is to add a noninverting buffer between the
device that generates the sync signal and the MSC8101 that uses it.
System Number: 3258
Fix Plan: Rev A.
0K40A
CPM38
Heartbeat Error and Carrier Sense Lost Error On Two Frames
Date Added: 5/30/2000
Description: There are rare cases when a heartbeat error and carrier sense lost error are reported
on two frames. The error is reported in the frame in which it occurred, but in those rare cases it is
also reported on an adjacent frame.
Workaround: None
System Number: 1547,1550
Fix Plan: Rev A
0K40A
CPM39
Corruption in AAL0 Cell Payload
Date Added: 5/30/2000
There is a rare case in using the ATM AAL0 transmitter that the AAL0 cell payload may
be corrupted. This can occur in certain internal sequence of events that the user cannot
detect or control.
1. Use the available microcode patch from the web site.
2. When working with AAL0 SAR, place the TCELL_TMP_BASE 64 byte align plus 4.
For example use TCELL_TMB_BASE = 0x2d04 not 0x2d00.
4648a
Rev A
0K40A
Table 2. Silicon Errata (Continued)
Errata
Number
Errata Description
Applies
to Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com