| Electronic Components Datasheet Search |
|
25LC080AT-I/SNG Datasheet(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
25LC080AT-I/SNG Datasheet(HTML) 2 Page - Microchip Technology |
|
2 / 24 page ![]() 25XX080A/B DS21808B-page 2 2003 Microchip Technology Inc. 1.0 ELECTRICAL CHARACTERISTICS Absolute Maximum Ratings (†) V CC.............................................................................................................................................................................7.0V All inputs and outputs w.r.t. V SS ......................................................................................................... -0.6V to VCC +1.0V Storage temperature .................................................................................................................................-65°C to 150°C Ambient temperature under bias ...............................................................................................................-65°C to 125°C ESD protection on all pins ..........................................................................................................................................4 kV TABLE 1-1: DC CHARACTERISTICS † NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for an extended period of time may affect device reliability. DC CHARACTERISTICS Industrial (I): T AMB = -40°C to +85°C V CC = 1.8V to 5.5V Automotive (E): T AMB = -40°C to +125°C V CC = 2.5V to 5.5V Param. No. Sym. Characteristic Min. Max. Units Test Conditions D001 V IH1 High-level input voltage 2.0 V CC +1 V V CC ≥ 2.7V (Note) D002 V IH2 0.7 V CC V CC +1 V V CC< 2.7V (Note) D003 V IL1 Low-level input voltage -0.3 0.8 V V CC ≥ 2.7V (Note) D004 V IL2 -0.3 0.2 V CC VV CC < 2.7V (Note) D005 V OL Low-level output voltage —0.4 V I OL = 2.1 mA D006 V OL —0.2 V I OL = 1.0 mA, VCC < 2.5V D007 V OH High-level output voltage V CC -0.5 — V I OH = -400 µA D008 I LI Input leakage current ±1 µACS = VCC, VIN = VSS TO VCC D009 I LO Output leakage current ±1 µACS = VCC, VOUT = VSS TO VCC D010 C INT Internal Capacitance (all inputs and outputs) — 7 pF T AMB = 25°C, CLK = 1.0 MHz, V CC = 5.0V (Note) D011 I CC Read Operating Current — — 6 2.5 mA mA V CC = 5.5V; FCLK = 10.0 MHz; SO = Open V CC = 2.5V; FCLK = 5.0 MHz; SO = Open D012 I CC Write — — 3mA V CC = 5.5V D013 Iccs Standby Current — — 5 1 µA µA CS = V CC = 5.5V, Inputs tied to VCC or V SS, TAMB = -40°C TO +125°C CS = V CC = 2.5V, Inputs tied to VCC or V SS, TAMB = -40°C TO +85°C Note: This parameter is periodically sampled and not 100% tested. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |