| Electronic Components Datasheet Search |
|
25LC080AT-I/SNG Datasheet(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
25LC080AT-I/SNG Datasheet(HTML) 4 Page - Microchip Technology |
|
4 / 24 page ![]() 25XX080A/B DS21808B-page 4 2003 Microchip Technology Inc. TABLE 1-3: AC TEST CONDITIONS 17 T HH HOLD Hold Time 20 40 80 — — — ns ns ns 4.5V ≤ VCC ≤ 5.5V 2.5V ≤ VCC < 4.5V 1.8V ≤ VCC < 2.5V 18 T HZ HOLD Low to Output High-Z 30 60 160 — — — ns ns ns 4.5V ≤ VCC ≤ 5.5V (Note 1) 2.5V ≤ VCC < 4.5V (Note 1) 1.8V ≤ VCC < 2.5V (Note 1) 19 T HV HOLD High to Output Valid 30 60 160 — — — ns ns ns 4.5V ≤ VCC ≤ 5.5V 2.5V ≤ VCC < 4.5V 1.8V ≤ VCC < 2.5V 20 T WC Internal Write Cycle Time — 5 ms (Note 3) 21 — Endurance 1,000,000 — E/W Cycles (Note 2) TABLE 1-2: AC CHARACTERISTICS (CONTINUED) AC CHARACTERISTICS Industrial (I): T AMB = -40°C to +85°C V CC = 1.8V to 5.5V Automotive (E): T AMB = -40°C to +125°C V CC = 2.5V to 5.5V Param. No. Sym. Characteristic Min. Max. Units Test Conditions Note 1: This parameter is periodically sampled and not 100% tested. 2: This parameter is not tested but ensured by characterization. For endurance estimates in a specific application, please consult the Total Endurance™ Model which can be obtained from our web site: www.microchip.com. 3: T WC begins on the rising edge of CS after a valid write sequence and ends when the internal write cycle is complete. AC Waveform: V LO = 0.2V — V HI = VCC - 0.2V (Note 1) V HI = 4.0V (Note 2) Timing Measurement Reference Level Input 0.5 V CC Output 0.5 V CC Note 1: For V CC ≤ 4.0V 2: For V CC > 4.0V |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |