| Electronic Components Datasheet Search |
|
25LC080AT-I/SNG Datasheet(PDF) 3 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
25LC080AT-I/SNG Datasheet(HTML) 3 Page - Microchip Technology |
|
3 / 24 page ![]() 2003 Microchip Technology Inc. DS21808B-page 3 25XX080A/B TABLE 1-2: AC CHARACTERISTICS AC CHARACTERISTICS Industrial (I): T AMB = -40°C to +85°C V CC = 1.8V to 5.5V Automotive (E): T AMB = -40°C to +125°C V CC = 2.5V to 5.5V Param. No. Sym. Characteristic Min. Max. Units Test Conditions 1F CLK Clock Frequency — — — 10 5 3 MHz MHz MHz 4.5V ≤ VCC ≤ 5.5V 2.5V ≤ VCC < 4.5V 1.8V ≤ VCC < 2.5V 2T CSS CS Setup Time 50 100 150 — — — ns ns ns 4.5V ≤ VCC ≤ 5.5V 2.5V ≤ VCC < 4.5V 1.8V ≤ VCC < 2.5V 3T CSH CS Hold Time 100 200 250 — — — ns ns ns 4.5V ≤ VCC ≤ 5.5V 2.5V ≤ VCC < 4.5V 1.8V ≤ VCC < 2.5V 4T CSD CS Disable Time 50 — ns — 5 Tsu Data Setup Time 10 20 30 — — — ns ns ns 4.5V ≤ VCC ≤ 5.5V 2.5V ≤ VCC < 4.5V 1.8V ≤ VCC < 2.5V 6T HD Data Hold Time 20 40 50 — — — ns ns ns 4.5V ≤ VCC ≤ 5.5V 2.5V ≤ VCC < 4.5V 1.8V ≤ VCC < 2.5V 7T R CLK Rise Time — 500 ns (Note 1) 8T F CLK Fall Time — 500 ns (Note 1) 9T HI Clock High Time 50 100 150 — — — ns ns ns 4.5V ≤ VCC ≤ 5.5V 2.5V ≤ VCC < 4.5V 1.8V ≤ VCC < 2.5V 10 T LO Clock Low Time 50 100 150 — — — ns ns ns 4.5V ≤ VCC ≤ 5.5V 2.5V ≤ VCC < 4.5V 1.8V ≤ VCC < 2.5V 11 T CLD Clock Delay Time 50 — ns — 12 T CLE Clock Enable Time 50 — ns — 13 T V Output Valid from Clock Low — — — 50 100 160 ns ns ns 4.5V ≤ VCC ≤ 5.5V 2.5V ≤ VCC < 4.5V 1.8V ≤ VCC < 2.5V 14 T HO Output Hold Time 0 — ns (Note 1) 15 T DIS Output Disable Time — — — 40 80 160 ns ns ns 4.5V ≤ VCC ≤ 5.5V (Note 1) 2.5V ≤ VCC < 4.5V (Note 1) 1.8V ≤ VCC < 2.5V (Note 1) 16 T HS HOLD Setup Time 20 40 80 — — — ns ns ns 4.5V ≤ VCC ≤ 5.5V 2.5V ≤ VCC < 4.5V 1.8V ≤ VCC < 2.5V Note 1: This parameter is periodically sampled and not 100% tested. 2: This parameter is not tested but ensured by characterization. For endurance estimates in a specific application, please consult the Total Endurance™ Model which can be obtained from our web site: www.microchip.com. 3: T WC begins on the rising edge of CS after a valid write sequence and ends when the internal write cycle is complete. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |