Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC23156 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC23156
Description  1.5A, 3MHz Synchronous Buck Regulator with HyperLight Load짰 and I2C Control for Dynamic Voltage Scaling
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC23156 Datasheet(HTML) 3 Page - Microchip Technology

  MIC23156 Datasheet HTML 1Page - Microchip Technology MIC23156 Datasheet HTML 2Page - Microchip Technology MIC23156 Datasheet HTML 3Page - Microchip Technology MIC23156 Datasheet HTML 4Page - Microchip Technology MIC23156 Datasheet HTML 5Page - Microchip Technology MIC23156 Datasheet HTML 6Page - Microchip Technology MIC23156 Datasheet HTML 7Page - Microchip Technology MIC23156 Datasheet HTML 8Page - Microchip Technology MIC23156 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
 2017 Microchip Technology Inc.
DS20005919A-page 3
MIC23156
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings†
Input Supply Voltage (AVIN, PVIN, VI2C)....................................................................................................... –0.3V to +6V
Switch Voltage (SW) ....................................................................................................................................–0.3V to AVIN
Logic Voltage (EN, PGOOD)........................................................................................................................–0.3V to AVIN
Logic Voltage (VSEL, SCL, SDA)..................................................................................................................–0.3V to VI2C
Analog Input Voltage (SNS, SS) ..................................................................................................................–0.3V to AVIN
Power Dissipation (TA = +70°C)............................................................................................................. Internally Limited
ESD Rating(1)............................................................................................................................................................. 2 kV
Note 1:
Devices are ESD-sensitive. Handling precautions are recommended. Human body model, 1.5 k
 in series
with 100 pF.
Operating Ratings(1)
Input Supply Voltage (AVIN, PVIN, VI2C).................................................................................................... +2.7V to +5.5V
Switch Voltage (SW) .........................................................................................................................................0V to AVIN
Logic Voltage (EN, PGOOD).............................................................................................................................0V to AVIN
Logic Voltage (VSEL, SCL, SDA).......................................................................................................................0V to VI2C
Analog Input Voltage (SNS, SS) .......................................................................................................................0V to AVIN
Note 1:
The device is not ensured to function outside the operating range.
†Notice:
Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only and functional operation of the device at those or any other conditions above those indi-
cated in the operational sections of this specification is not intended. Exposure to maximum rating conditions for
extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com