Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC23156 Datasheet(PDF) 10 Page - Microchip Technology

Part # MIC23156
Description  1.5A, 3MHz Synchronous Buck Regulator with HyperLight Load짰 and I2C Control for Dynamic Voltage Scaling
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC23156 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MIC23156 Datasheet HTML 6Page - Microchip Technology MIC23156 Datasheet HTML 7Page - Microchip Technology MIC23156 Datasheet HTML 8Page - Microchip Technology MIC23156 Datasheet HTML 9Page - Microchip Technology MIC23156 Datasheet HTML 10Page - Microchip Technology MIC23156 Datasheet HTML 11Page - Microchip Technology MIC23156 Datasheet HTML 12Page - Microchip Technology MIC23156 Datasheet HTML 13Page - Microchip Technology MIC23156 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
MIC23156
DS20005919A-page 10
 2017 Microchip Technology Inc.
FIGURE 2-19:
Switching Waveform
Discontinuous Mode (1 mA).
FIGURE 2-20:
Switching Waveform
Discontinuous Mode (50 mA).
FIGURE 2-21:
Switching Waveform
Continuous Mode (500 mA).
FIGURE 2-22:
Switching Waveform
Continuous Mode (1.5A).
FIGURE 2-23:
Load Transient (50 mA
to 750 mA).
FIGURE 2-24:
Load Transient (50 mA to 1A).
Time (40 μs/div)
I
L
(500 mA/div)
V
OUT
(AC-COUPLED)
(50 mV/div)
SW
(2V/div)
V
IN = 3.6V, VOUT = 1.8V
C
OUT = 2.2 μF, L = 1 μH
Time (1 μs/div)
I
L
(500 mA/div)
V
OUT
(AC-COUPLED)
(50 mV/div)
SW
(2V/div)
V
IN = 3.6V, VOUT = 1.8V
C
OUT = 2.2 μF, L = 1 μH
Time (100 ns/div)
I
L
(500 mA/div)
V
OUT
(AC-COUPLED)
(10 mV/div)
SW
(2V/div)
V
IN = 3.6V, VOUT = 1.8V
C
OUT = 2.2 μF, L = 1 μH
Time (100 ns/div)
I
L
(1A/div)
V
OUT
(AC-COUPLED)
(10 mV/div)
SW
(2V/div)
V
IN = 3.6V, VOUT = 1.8V
C
OUT = 2.2 μF, L = 1 μH
Time (40 μs/div)
I
OUT
(200 mA/div)
V
OUT
(AC-COUPLED)
(50 mV/div)
V
IN = 3.6V
V
OUT = 1.8V
C
OUT = 2.2 μF
L = 1 μH
Time (40 μs/div)
I
OUT
(500 mA/div)
V
OUT
(AC-COUPLED)
(50 mV/div)
V
IN = 3.6V
V
OUT = 1.8V
C
OUT = 2.2 μF
L = 1 μH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com