Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC23156 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC23156
Description  1.5A, 3MHz Synchronous Buck Regulator with HyperLight Load짰 and I2C Control for Dynamic Voltage Scaling
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC23156 Datasheet(HTML) 1 Page - Microchip Technology

  MIC23156 Datasheet HTML 1Page - Microchip Technology MIC23156 Datasheet HTML 2Page - Microchip Technology MIC23156 Datasheet HTML 3Page - Microchip Technology MIC23156 Datasheet HTML 4Page - Microchip Technology MIC23156 Datasheet HTML 5Page - Microchip Technology MIC23156 Datasheet HTML 6Page - Microchip Technology MIC23156 Datasheet HTML 7Page - Microchip Technology MIC23156 Datasheet HTML 8Page - Microchip Technology MIC23156 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
 2017 Microchip Technology Inc.
DS20005919A-page 1
MIC23156
Features
• Input Voltage: 2.7V to 5.5V
• Up to 1.5A Output Current
• 1 MHz I2C Controlled Adjustable Output:
- VOUT = 0.7 to 2.4V in 10 mV Steps
• High Output Voltage Accuracy
(±1.5% over Temperature)
• Fast Pin-Selectable Output Voltage
• Programmable Soft-Start Using External Capaci-
tor
• Ultra-Low Quiescent Current of 30 µA when
Not Switching
• Thermal Shutdown and Current-Limit Protection
• Safe Start-Up into Pre-Biased Output
• Stable with 1 µH Output Inductor and
2.2 µF Ceramic Capacitor
• Up to 93% Peak Efficiency
• –40°C to +125°C Junction Temperature Range
• Available in 16-ball, 0.4 mm pitch, 1.81 mm x
1.71 mm Wafer Level Chip-Scale (WLCSP) and
17-pin, 2.8 mm x 2.5 mm QFN Packages
Applications
• Mobile Handsets
• Solid-State Drives (SSD)
• WiFi/WiMx/WiBro Modules
• Portable Applications
General Description
The MIC23156 is a high-efficiency, 1.5A synchronous
buck regulator with HyperLight Load® mode and
dynamic voltage scaling control through I2C. HyperLight
Load provides very high efficiency at light loads and
ultra-fast transient response. The ability to dynamically
change the output voltage and maintain high output volt-
age accuracy make the MIC23156 perfectly suited for
supplying processor core voltages. An additional benefit
of this proprietary architecture is very low output ripple
voltage, throughout the entire load range, with the use of
small output capacitors. Fast mode plus I2C provides
output voltage and chip enable/disable control from a
standard I2C bus with I2C clock rates of 100 kHz,
400 kHz, and 1 MHz.
The MIC23156 is designed for use with 1 µH, and an
output capacitor as small as 2.2 µF, that enables a total
solution size less than 1 mm in height.
Package Types
A
D
C
B
12
SS
4
3
SNS
SDA
SCL
VI2C
VSEL
AGND
AVIN
PGOOD
PVIN
SW
SW
PGND
PGND
PVIN
EN
16-Ball 1.81 mm x 1.71 mm WLCSP (CS)
(Top View)
SS
V
SEL
8
V
I2C
SCL
SDA
SNS
1
PGND
PGND
PV
IN
PV
IN
2
3
4
9
5
NC
EN
7
6
10
12
11
13
14
15
16
17
17-Pin 2.5 mm x 2.8 mm QFN (ML)
(Top View)
1.5A, 3 MHz Synchronous Buck Regulator with HyperLight Load®
and I2C Control for Dynamic Voltage Scaling


Similar Part No. - MIC23156

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC23156 MICREL-MIC23156 Datasheet
1Mb / 22P
1.5A, 3MHz Synchronous Buck Regulator with HyperLight Load짰 and I2C Control for Dynamic Voltage Scaling
MIC23156-0YCS MICREL-MIC23156-0YCS Datasheet
1Mb / 22P
1.5A, 3MHz Synchronous Buck Regulator with HyperLight Load짰 and I2C Control for Dynamic Voltage Scaling
MIC23156-0YML MICREL-MIC23156-0YML Datasheet
1Mb / 22P
1.5A, 3MHz Synchronous Buck Regulator with HyperLight Load짰 and I2C Control for Dynamic Voltage Scaling
More results

Similar Description - MIC23156

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC23051 MICREL-MIC23051_09 Datasheet
735Kb / 13P
4MHz PWM Buck Regulator with HyperLight Load and Voltage Scaling
MIC23156 MICREL-MIC23156 Datasheet
1Mb / 22P
1.5A, 3MHz Synchronous Buck Regulator with HyperLight Load짰 and I2C Control for Dynamic Voltage Scaling
MIC23450 MICREL-MIC23450 Datasheet
1Mb / 22P
3MHz, PWM, 2A Triple Buck Regulator with HyperLight Load짰 and Power Good
MIC7400 MICREL-MIC7400_15 Datasheet
5Mb / 68P
Configurable PMIC, Five-Channel Buck Regulator Plus One-Boost with HyperLight Load짰 and I2C Control
MIC33050 MICREL-MIC33050_12 Datasheet
743Kb / 16P
4MHz Internal Inductor PWM Buck Regulator with HyperLight Load짰
MIC23450 MICREL-MIC23450_13 Datasheet
1Mb / 22P
3MHz, PWM, 2A Triple Buck Regulator with HyperLight Load짰 and Power Good
MIC23155 MICREL-MIC23155_12 Datasheet
1,000Kb / 19P
3MHz PWM 2A Buck Regulator with HyperLight Load짰 and Power Good
MIC7401 MICREL-MIC7401 Datasheet
5Mb / 68P
Configurable PMIC, Five-Channel Buck Regulator plus One-Boost with HyperLight Load짰, I2C Control, and Enable
logo
Microchip Technology
MIC261203 MICROCHIP-MIC261203 Datasheet
2Mb / 38P
28V, 12A HyperLight Load짰 Synchronous DC/DC Buck Regulator
09/14/21
MIC23451 MICROCHIP-MIC23451 Datasheet
3Mb / 28P
3 MHz, 2A Triple Synchronous Buck Regulator with HyperLight Load짰 and Power Good
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com