Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGC3140IMV Datasheet(PDF) 39 Page - Microchip Technology

Part # MGC3140IMV
Description  MGC3140 3D Tracking and Gesture Controller Data Sheet
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3140IMV Datasheet(HTML) 39 Page - Microchip Technology

Back Button MGC3140IMV Datasheet HTML 35Page - Microchip Technology MGC3140IMV Datasheet HTML 36Page - Microchip Technology MGC3140IMV Datasheet HTML 37Page - Microchip Technology MGC3140IMV Datasheet HTML 38Page - Microchip Technology MGC3140IMV Datasheet HTML 39Page - Microchip Technology MGC3140IMV Datasheet HTML 40Page - Microchip Technology MGC3140IMV Datasheet HTML 41Page - Microchip Technology MGC3140IMV Datasheet HTML 42Page - Microchip Technology MGC3140IMV Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
10.4.1
Approach scan current consumption
Figure 10-1. MGC3140 Power Consumption Vs Approach Scan Period
10.5
Timing Characteristics
10.5.1
Power-on and Reset Timing
Table 10-1. Power-on and Reset Parameters
Operating temperature: -40°C ≤ TA ≤ 125°C
Characteristic(1)
Parameter Symbol
Min
Typical(2)
Max
Units
Power-up period:
Internal voltage regulator enabled
TPU
-
400
600
us
System delay period:
Time required to reload device
configuration fuses plus clock delay
before first instruction is fetched
TSYSDLY
-
1.2
-
us
MCLRminimum pulse width
TMCLR
2
-
-
us
BOR pulse width
TBOR
-
1
-
us
Note: 
1.
These parameters are characterized, but not tested in manufacture.
2.
Data in Typical column is at 3.3V, 25°C, unless otherwise stated.
MGC3140
Electrical Specifications
© 2018 Microchip Technology Inc.
DS40002037A-page 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com