Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGC3140IMV Datasheet(PDF) 1 Page - Microchip Technology

Part # MGC3140IMV
Description  MGC3140 3D Tracking and Gesture Controller Data Sheet
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3140IMV Datasheet(HTML) 1 Page - Microchip Technology

  MGC3140IMV Datasheet HTML 1Page - Microchip Technology MGC3140IMV Datasheet HTML 2Page - Microchip Technology MGC3140IMV Datasheet HTML 3Page - Microchip Technology MGC3140IMV Datasheet HTML 4Page - Microchip Technology MGC3140IMV Datasheet HTML 5Page - Microchip Technology MGC3140IMV Datasheet HTML 6Page - Microchip Technology MGC3140IMV Datasheet HTML 7Page - Microchip Technology MGC3140IMV Datasheet HTML 8Page - Microchip Technology MGC3140IMV Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
MGC3140
MGC3140 3D Tracking and Gesture Controller Data Sheet
Introduction
Microchip’s MGC3140 is a 3D gesture and motion tracking controller based on Microchip’s patented
GestIC
® technology – suitable for consumer, industrial and automotive applications. It enables robust user
interfaces with natural hand and finger movements utilizing the principles of electrical near-field sensing.
Implemented as a low-power mixed-signal configurable controller, the MGC3140 provides a compelling
set of smart functional features such as gesture recognition while using adaptive working frequencies for
robust performance in noisy environments. Microchip’s on-chip Colibri gesture suite removes the need for
host post-processing and reduces system power consumption, resulting in low software development
efforts for short time-to-market success.
The MGC3140 represents a unique and high-performance single-chip gesture solution focusing on
automotive applications. MGC3140 provides proximity, gesture detection and driver recognition, thus
enabling modern and compelling user interfaces to be created.
MGC3140 Applications
•
Automotive Applications
•
IoT
•
Audio Products
•
Notebooks/Keyboards/PC Peripherals
•
Home Automation
•
White Goods
•
Switches
•
Medical Products
•
Game Controllers
Power Operation Modes
Several Power Operation Modes Including:
•
Processing Mode: 29 mA, typical
•
Deep Sleep: 85 μA, typical
Key Features
•
Automotive Qualification AEC Q100 Grade 1
•
Recognition of 3D Hand Gestures and x, y, z Positional Data
•
Proximity and Touch Sensing
© 2018 Microchip Technology Inc.
DS40002037A-page 1


Similar Part No. - MGC3140IMV

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MGC3140 MICROCHIP-MGC3140 Datasheet
1Mb / 46P
MGC3140 3D Tracking and Gesture Controller Data Sheet
Rev.C 03/2022
MGC3140-E/MV MICROCHIP-MGC3140-E/MV Datasheet
1Mb / 46P
MGC3140 3D Tracking and Gesture Controller Data Sheet
Rev.C 03/2022
MGC3140-E/MVVAO MICROCHIP-MGC3140-E/MVVAO Datasheet
1Mb / 46P
MGC3140 3D Tracking and Gesture Controller Data Sheet
Rev.C 03/2022
MGC3140-I/MV MICROCHIP-MGC3140-I/MV Datasheet
1Mb / 46P
MGC3140 3D Tracking and Gesture Controller Data Sheet
Rev.C 03/2022
MGC3140-I/MVVAO MICROCHIP-MGC3140-I/MVVAO Datasheet
1Mb / 46P
MGC3140 3D Tracking and Gesture Controller Data Sheet
Rev.C 03/2022
More results

Similar Description - MGC3140IMV

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M33A HOLTEK-HT82M33A Datasheet
642Kb / 13P
3D Mouse Controller
3rd Mar 99
logo
Linear Technology
LTC3770 LINER-LTC3770 Datasheet
302Kb / 24P
Synchronous Controller with Margining, Tracking and PLL
logo
Cypress Semiconductor
CY8CTMG110 CYPRESS-CY8CTMG110 Datasheet
647Kb / 31P
TrueTouch??Multi-Touch Gesture Touchscreen Controller
CY8CTMG120 CYPRESS-CY8CTMG120 Datasheet
790Kb / 33P
TrueTouch??Multi-Touch Gesture Touchscreen Controller
logo
Microchip Technology
MGC3130 MICROCHIP-MGC3130_12 Datasheet
1Mb / 40P
Single-Zone 3D Gesture Controller Data Sheet
2012 10/26/12
logo
Linear Technology
LTC2923 LINER-LTC2923_15 Datasheet
284Kb / 20P
Power Supply Tracking Controller
logo
uPI Group Inc.
UE4001 UPI-UE4001 Datasheet
181Kb / 8P
2D/3D Infrared Object Tracking IC
logo
ELMOS Semiconductor AG
E909.21 ELMOS-E909.21 Datasheet
144Kb / 2P
HALIOS Controller for Proximity and Gesture Recognition
logo
Microchip Technology
MXG3141 MICROCHIP-MXG3141 Datasheet
1Mb / 41P
MXG3141 3D Gesture Controller Data Sheet
2021
MGC3140 MICROCHIP-MGC3140_V01 Datasheet
1Mb / 46P
MGC3140 3D Tracking and Gesture Controller Data Sheet
Rev.C 03/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com