Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGC3140IMV Datasheet(PDF) 6 Page - Microchip Technology

Part # MGC3140IMV
Description  MGC3140 3D Tracking and Gesture Controller Data Sheet
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3140IMV Datasheet(HTML) 6 Page - Microchip Technology

Back Button MGC3140IMV Datasheet HTML 2Page - Microchip Technology MGC3140IMV Datasheet HTML 3Page - Microchip Technology MGC3140IMV Datasheet HTML 4Page - Microchip Technology MGC3140IMV Datasheet HTML 5Page - Microchip Technology MGC3140IMV Datasheet HTML 6Page - Microchip Technology MGC3140IMV Datasheet HTML 7Page - Microchip Technology MGC3140IMV Datasheet HTML 8Page - Microchip Technology MGC3140IMV Datasheet HTML 9Page - Microchip Technology MGC3140IMV Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
1.
Pin Diagram
Figure 1-1. MGC3140 48L Diagram UQFN
Gesture Port 5
1
36
DNC
SYNC
2
35
DNC
DNC
3
34
VSS
RX1
4
33
TS
DNC
5
32
MODE
DNC
6
31
VDD
7
MGC3140-E/MV
30
SCL
VSS
8
29
SDA
VDD
9
28
TX4
IS1
10
27
TX3
IS2
11
26
TX2
RX2
12
25
TX1
MCLR
Related Links
2. 48-Pin Allocation and Pinout Description Table
MGC3140
Pin Diagram
© 2018 Microchip Technology Inc.
DS40002037A-page 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com