Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L64733 Datasheet(PDF) 21 Page - LSI Computer Systems

Part # L64733
Description  Tuner and Satellite Receiver Chipset
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

L64733 Datasheet(HTML) 21 Page - LSI Computer Systems

Back Button L64733 Datasheet HTML 17Page - LSI Computer Systems L64733 Datasheet HTML 18Page - LSI Computer Systems L64733 Datasheet HTML 19Page - LSI Computer Systems L64733 Datasheet HTML 20Page - LSI Computer Systems L64733 Datasheet HTML 21Page - LSI Computer Systems L64733 Datasheet HTML 22Page - LSI Computer Systems L64733 Datasheet HTML 23Page - LSI Computer Systems L64733 Datasheet HTML 24Page - LSI Computer Systems L64733 Datasheet HTML 25Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
L64733/L64734 Tuner and Satellite Receiver Chipset
21
Tuner Control Interface
The Tuner Control interface contains signals that control the L64733
Tuner IC.
FLCLK
Filter Control Clock
Output
FLCLK is the output of a programmable integer value
divider clocked by the demodulator sampling clock,
PCLK. The division ratio can be programmed with
register bits. The frequency of FLCLK multiplied by 16 is
the 3 dB cutoff of the programmable low-pass filters on
the L64733.
INSEL
RF Input Select
Output
When INSEL is asserted, the L64733 tuner selects the
normal mode. When INSEL is deasserted, the L64733
selects the Loop-Through mode.
Typical Operating Circuit
Figure 7 is a diagram of a typical operating circuit for the chipset,
including external components. Not all external components are shown.
See the
L64733/34 Evaluation Board User’s Guide for complete
schematic details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com