Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L64733 Datasheet(PDF) 34 Page - LSI Computer Systems

Part # L64733
Description  Tuner and Satellite Receiver Chipset
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

L64733 Datasheet(HTML) 34 Page - LSI Computer Systems

Back Button L64733 Datasheet HTML 30Page - LSI Computer Systems L64733 Datasheet HTML 31Page - LSI Computer Systems L64733 Datasheet HTML 32Page - LSI Computer Systems L64733 Datasheet HTML 33Page - LSI Computer Systems L64733 Datasheet HTML 34Page - LSI Computer Systems L64733 Datasheet HTML 35Page - LSI Computer Systems L64733 Datasheet HTML 36Page - LSI Computer Systems L64733 Datasheet HTML 37Page - LSI Computer Systems L64733 Datasheet HTML 38Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
34
L64733/L64734 Tuner and Satellite Receiver Chipset
VIL_PECL
Input Voltage LOW level
(DC)
PSOUTp
− PSOUTn =
50 mV
––
VCM
−50 mV
V
IIL_PECL
Input LOW current
VIN =VSS
−10
–
–
µA
IIH_PECL
Input HIGH current
VIN =VDD
–
–
+10
µA
VRESO_LVDS Output Voltage on pin
RESO_LVDS
–
1.2
–
V
VOH_LVDS
Output Voltage HIGH
level (DC)
On PLLINp/PLLINn,
MODp/MODn signals
1.253
1.373
1.437
V
VOL_LVDS
Output Voltage LOW
level (DC)
On PLLINp/PLLINn,
MODp/MODn signals
1.030
1.032
1.059
V
1. Specified at VDD = 3.3 V ± 5% at ambient temperature over the specified range.
Table 9
DC Characteristics of the L64734 (Cont.)
Symbol
Parameter
Condition1
Min
Typ
Max
Units
(Sheet 2 of 2)
Table 10
L64734 Pin Description Summary
Mnemonic
Description
Type
ADCVDDI/Q
ADC Power
Input
ADCVSSI/Q
ADC Analog Ground
Input
AGC1, AGC2
Power Control
Outputs
BCLKOUT
Byte Clock Out
Output
CLK
Input Clock
Input
CO[7:0]
Channel Data Out
Output
COEn
Channel Output Enable
Input
DVALIDOUT
Valid Data Out
Output
ERROROUTn
Error Detection Flag
Output
FDOUB
Frequency Doubler
Output
(Sheet 1 of 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com