Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L64733 Datasheet(PDF) 39 Page - LSI Computer Systems

Part # L64733
Description  Tuner and Satellite Receiver Chipset
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

L64733 Datasheet(HTML) 39 Page - LSI Computer Systems

Back Button L64733 Datasheet HTML 35Page - LSI Computer Systems L64733 Datasheet HTML 36Page - LSI Computer Systems L64733 Datasheet HTML 37Page - LSI Computer Systems L64733 Datasheet HTML 38Page - LSI Computer Systems L64733 Datasheet HTML 39Page - LSI Computer Systems L64733 Datasheet HTML 40Page - LSI Computer Systems L64733 Datasheet HTML 41Page - LSI Computer Systems L64733 Datasheet HTML 42Page - LSI Computer Systems L64733 Datasheet HTML 43Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
L64733/L64734 Tuner and Satellite Receiver Chipset
39
The numbers in the first column of Table 11 refer to the timing
parameters shown in the preceding figures. All parameters in the timing
tables apply for TA = 0 ˚C to 70 ˚C and a capacitive load of 15 pF.
Table 11
L64734 AC Timing Parameters
Parameter
Description
Min
Max
Units
1
tCYCLE
Clock Cycle for PCLK
11.1
33.31
1. Minimum Fs (sampling clock = 30 MHz).
ns
2
tPWH
Clock Pulse Width HIGH
6
–
ns
3
tPWL
Clock Pulse Width LOW
5
–
ns
4
tS
Input Setup Time to CLK
4
–
ns
5
tH
Input Hold to CLK
4
–
ns
6s
tODS
Output Delay from PCLK, serial mode
3
8
ns
6p
tODP
Output Delay from BCLKOUT, parallel
mode
3
–
PCLK
cycles
7
tRWH
Reset Pulse Width HIGH
3
–
CLK
cycles
8
tWK
Wake-Up Time
280
–
CLK
cycles
9
tDLY
Delay from COEn
–
6
ns
10
tCYCLE_PS Clock Cycle for PSOUTp, PSOUTn
clock
14
35
ns
11
tPWH_PS
PSOUT Clock Pulse Width HIGH
6
–
ns
12
tPWL_PS
PSOUT Clock Pulse Width LOW
6
–
ns
13
tOD_PS
Output Delay from PSOUT
4
8.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com