Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA848 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA848
Description  INA848 Ultra-Low-Noise (1.5 nV/?숰z), High-Bandwidth Instrumentation Amplifier With Fixed Gain of 2000
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA848 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA848 Datasheet HTML 9Page - Texas Instruments INA848 Datasheet HTML 10Page - Texas Instruments INA848 Datasheet HTML 11Page - Texas Instruments INA848 Datasheet HTML 12Page - Texas Instruments INA848 Datasheet HTML 13Page - Texas Instruments INA848 Datasheet HTML 14Page - Texas Instruments INA848 Datasheet HTML 15Page - Texas Instruments INA848 Datasheet HTML 16Page - Texas Instruments INA848 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
8 Detailed Description
8.1 Overview
The INA848 is a monolithic precision instrumentation amplifier incorporating a current-feedback input stage and
a four-resistor difference amplifier output stage. The differential input voltage is buffered by Q1 and Q2 and is
forced across RG, which causes a signal current to flow through RG, R1, and R2. The output difference amplifier
(A3) removes the common-mode component of the input signal and refers the output signal to the REF pin. The
VBE and voltage drop across R1 and R2 produce output voltages on A1 and A2 that are approximately 0.8 V
lower than the input voltages.
In common instrumentation amplifiers, an external gain resistor is used to set the gain. However, this external
gain resistor affects the gain drift due to the mismatch in tempertature coefficient between the external and
internal resistors. The INA848 integrates the gain setting resistor with a fixed gain of 2000, thus matching the
temperature drifts of the resistor network. This integration results in an total gain accuracy of 5 ppm/°C
(maximum).
8.2 Functional Block Diagram
R1
3 k
RB
VB
+VS
íVS
+VS
íVS
+VS
íVS
+VS
íVS
+VS
Super-
NPN
Super-
NPN
+VS
RB
í IN
+IN
REF
OUT
Q1
Q2
A1
A2
A3
+VS
IB Cancellation
IB Cancellation
R2
3 k
120 k
120 k
6 k
6 k
RG
30.15
C1
C2
6 k
6 k
+VS
í VS
+VS
í VS
+ FIL
í FIL
íVS
íVS
www.ti.com
INA848
SBOS946 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: INA848



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com