Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA848 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # INA848
Description  INA848 Ultra-Low-Noise (1.5 nV/?숰z), High-Bandwidth Instrumentation Amplifier With Fixed Gain of 2000
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA848 Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA848 Datasheet HTML 12Page - Texas Instruments INA848 Datasheet HTML 13Page - Texas Instruments INA848 Datasheet HTML 14Page - Texas Instruments INA848 Datasheet HTML 15Page - Texas Instruments INA848 Datasheet HTML 16Page - Texas Instruments INA848 Datasheet HTML 17Page - Texas Instruments INA848 Datasheet HTML 18Page - Texas Instruments INA848 Datasheet HTML 19Page - Texas Instruments INA848 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
8.3.3 Input Protection
The inputs of the INA848 device are individually protected for voltages up to ±20 V which is stated in Section 7.1.
If these rating cannot be met, additional protection circuitry must be considered at the input pins to minimize the
current flowing in case of fault.
During an input overvoltage condition, current flows through the input protection diodes into the power supplies;
see Figure 8-3 . If the power supplies are unable to sink current, then Zener diode clamps (ZD1 and ZD2) must
be placed on the power supplies to provide a current pathway to ground.
V+IN
+VS
V–IN
RIN1
RIN2
GND
GND
VS
ZD1
ZD2
C1
C2
Super- NPN
Super- NPN
> +VS
< VS
Figure 8-3. Input Current Path During an Overvoltage Condition
For an overvoltage condition, use an external resistor (RIN1, RIN2) to limit the current. The following equation
gives the calculation for the protection resistors:
R
IN1=
(V
+IN)F(+
V
S)
IMAX
(1)
where:
• V+IN is the maximum input voltage
• +VS is the positive supply rail
• IMAX is the maximum current allowed = 10 mA
Calclate RIN2 using the same method, substituting with V–IN, –VS, and –IMAX.
Any additional resistance to the input pins adds more noise to the system. For more details, see Section 9.2.2.2.
8.4 Device Functional Modes
The INA848 has a single functional mode and is operational when the power supply voltage is greater than 4.5 V
(±2.25 V). The maximum power-supply voltage for the INA848 is 36 V (±18 V).
INA848
SBOS946 – SEPTEMBER 2020
www.ti.com
16
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: INA848



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com