Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA848 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # INA848
Description  INA848 Ultra-Low-Noise (1.5 nV/?숰z), High-Bandwidth Instrumentation Amplifier With Fixed Gain of 2000
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA848 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA848 Datasheet HTML 17Page - Texas Instruments INA848 Datasheet HTML 18Page - Texas Instruments INA848 Datasheet HTML 19Page - Texas Instruments INA848 Datasheet HTML 20Page - Texas Instruments INA848 Datasheet HTML 21Page - Texas Instruments INA848 Datasheet HTML 22Page - Texas Instruments INA848 Datasheet HTML 23Page - Texas Instruments INA848 Datasheet HTML 24Page - Texas Instruments INA848 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
9.2.2.2 Noise Analysis
Low-noise instrumentation amplifiers such as the INA848 are designed to serve stringent and sensitive
applications, such as surgical tools, microphones or other precision monitoring systems. A througough noise
analysis is a key element in the design process.
TI`s super-beta transistors offer the benefits of low voltage noise and low current noise, thus allowing the INA848
excellent noise performance.
Figure 9-6 shows a simplified noise model including the gain stages of the INA848.
i
ni1
e
ni1
R
in
G1
200
e
nref
e
no1
G2
10
e
no
V
DIFF
V
REF
V
OUT
e
ni
Figure 9-6. Simplified Noise Model
To get the total input-referred noise, eni, consider the source resistance seen by the positive and negative input
pins of the instrumentation amplifier. The key elements that must be considered for a noise analysis in an
instrumenation amplifier are:
• Current noise density ini1of the INA, see Section 7.5
• Voltage noise denisty eni1 of the INA, see Section 7.5
• Voltage noise density caused by source resistance ini× Rin
• Resistor noise from source resistance enRin , given by: √Rin × 4.04 nV/√Hz
• Reference voltage noise enref
The noise sources are uncorrelated (that is, the noise signal is unpredictable). The result of mutliple uncorrelated
noise sources is the square root of the sum of their squares (RSS). Thus, the total RTI noise density, eni, in
nV/√Hz can be derived from the following equation:
eni=
¨e
ni1
2+en:Rin;2+(i
ni1ÂRin)
2+(
en:REF;
G1
)
2
(5)
www.ti.com
INA848
SBOS946 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: INA848



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com