Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FST163211 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT74FST163211
Description  24-BIT BUS SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FST163211 Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT74FST163211 Datasheet HTML 1Page - Integrated Device Technology IDT74FST163211 Datasheet HTML 2Page - Integrated Device Technology IDT74FST163211 Datasheet HTML 3Page - Integrated Device Technology IDT74FST163211 Datasheet HTML 4Page - Integrated Device Technology IDT74FST163211 Datasheet HTML 5Page - Integrated Device Technology IDT74FST163211 Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
INDUSTRIALTEMPERATURERANGE
IDT74FST163211
24-BIT BUS SWITCH
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
∆ICC
Quiescent Power Supply Current
VCC = Max.
0.5
1.5
mA
TTL Inputs HIGH
VIN = 3.4V(3)
ICCD
Dynamic Power Supply
VCC = Max.
VIN = VCC
240
320
µA/
Current(4,5)
One Enable Pin Toggling
VIN = GND
MHz/
50% Duty Cycle
Switch
IC
Total Power Supply Current(6)
VCC = Max.
VIN = VCC
2.4
3.2
mA
One Enable Pin Toggling
VIN = GND
fi = 10MHz
VIN = 3.4V
2.7
4
50% Duty Cycle
VIN = GND
VCC = Max.
VIN = VCC
4.8
6.4
Two Enable Pins Toggling
VIN = GND
fi = 10MHz
VIN = 3.4V
5.4
8
50% Duty Cycle
VIN = GND
POWER SUPPLY CHARACTERISTICS
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type. TA = –40°C to +85°C
2. Typical values are at VCC = 5.0V, +25°C ambient.
3. Per TTL driven input (VIN = 3.4V). All other inputs at VCC or GND. Switch inputs do not contribute to
∆ICC.
4. This parameter represents the current required to switch the internal capacitance of the control inputs at the specified frequency.
Switch inputs generate no significant power supply currents as they transition. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. CPD = ICCD/VCC
CPD = Power Dissipation Capacitance
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
∆ICC DHNT + ICCD (fiN)
ICC = Quiescent Current
∆ICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fi = Control Input Frequency
N = Number of Control Inputs Toggling at fi
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
FollowingConditionsApplyUnlessOtherwiseSpecified:
Industrial: TA = -40°C to +85°C, VCC = 5.0V ± 10%
VCC = 5V ± 10%
VCC = 4V
Symbol
Description(1)
Min.
Typ.
Max.
Max.
Unit
tPLH
DataPropagationDelay
0.25
0.25
ns
tPHL
A to B, B to A(2)
tPZH
Switch CONNECT Delay
1.5
6.5
7
ns
tPZL
xOE to A or B
tPHZ
Switch DISCONNECT Delay
1.5
5.5
7
ns
tPLZ
xOE to A or B
|QCI|
Charge Injection During Switch DISCONNECT
1.5
pC
xOE to A or B(3)
NOTES:
1. See test circuits and waveforms.
2. The bus switch contributes no Propagation Delay other than the RC Delay of the load interacting with the RC of the switch.
3. |QCI| is the charge injection for a single switch DISCONNECT and applies to either single switches or multiplexers. |QDCI| is the charge injection for a multiplexer as
the multiplexed port switches from one path to another. Charge injection is reduced because the injection from the DISCONNECT of the first path is compensated by
the CONNECT of the second path.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com