Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FST163211 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT74FST163211
Description  24-BIT BUS SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FST163211 Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT74FST163211 Datasheet HTML 1Page - Integrated Device Technology IDT74FST163211 Datasheet HTML 2Page - Integrated Device Technology IDT74FST163211 Datasheet HTML 3Page - Integrated Device Technology IDT74FST163211 Datasheet HTML 4Page - Integrated Device Technology IDT74FST163211 Datasheet HTML 5Page - Integrated Device Technology IDT74FST163211 Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
INDUSTRIALTEMPERATURERANGE
IDT74FST163211
24-BIT BUS SWITCH
JANUARY 2004
INDUSTRIAL TEMPERATURE RANGE
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
© 2004 Integrated Device Technology, Inc.
DSC-3685/3
FEATURES:
• Bus switches provide zero delay paths
• Low switch on-resistance; 5
Ω
Ω
Ω
Ω
Ω
• TTL-compatible input and output levels
• ESD > 2000V per MIL-STD-883, Method 3015; > 200V using
machine model (C = 200pF, R = 0)
• Available in TSSOP package
FUNCTIONAL BLOCK DIAGRAM
IDT74FST163211
24-BIT BUS SWITCH
DESCRIPTION:
The FST163211 belongs to IDT's family of Bus switches. Bus switch
devices perform the function of connecting or isolating two ports without
providing any inherent current sink or source capability. Thus they
generate little or no noise of their own while providing a low resistance path
foranexternaldriver. Thesedevicesconnectinputandoutputportsthrough
an n-channel FET. When the gate-to-source junction of this FET is
adequately forward-biased, the device conducts and the resistance be-
tween input and output ports is small. Without adequate bias on the gate-
to-source junction of the FET, the FET is turned off, therefore with no VCC
applied, the device has hot insertion capability.
Thelowon-resistanceandsimplicityoftheconnectionbetweeninputand
output ports reduces the delay in this path to close to zero.
1
A1
1
B1
1
A12
1
B12
2
B1
2
B12
2
A1
2
A12
1
OE
2
OE


Similar Part No. - IDT74FST163211

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FST163212 IDT-IDT74FST163212 Datasheet
81Kb / 6P
24-BIT BUS EXCHANGE SWITCH
IDT74FST163212PA IDT-IDT74FST163212PA Datasheet
81Kb / 6P
24-BIT BUS EXCHANGE SWITCH
IDT74FST163212PF IDT-IDT74FST163212PF Datasheet
81Kb / 6P
24-BIT BUS EXCHANGE SWITCH
IDT74FST163212PV IDT-IDT74FST163212PV Datasheet
81Kb / 6P
24-BIT BUS EXCHANGE SWITCH
IDT74FST163213 IDT-IDT74FST163213 Datasheet
82Kb / 6P
24-BIT BUS EXCHANGE SWITCH
More results

Similar Description - IDT74FST163211

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSLV16211 FAIRCHILD-FSLV16211 Datasheet
239Kb / 6P
24-Bit Bus Switch
FST16211 FAIRCHILD-FST16211 Datasheet
287Kb / 8P
24-Bit Bus Switch
logo
Pericom Semiconductor C...
PI5C16211 PERICOM-PI5C16211 Datasheet
115Kb / 3P
24-Bit Bus Switch
logo
Fairchild Semiconductor
FSLV16211 FAIRCHILD-FSLV16211_07 Datasheet
304Kb / 8P
24-Bit Bus Switch
logo
Texas Instruments
SN74CBT16211 TI-SN74CBT16211 Datasheet
68Kb / 5P
24-BIT BUS SWITCH
logo
Pericom Semiconductor C...
PI5C16211AEX PERICOM-PI5C16211AEX Datasheet
467Kb / 4P
24-Bit Bus Switch
logo
NXP Semiconductors
74CBTLV16211 PHILIPS-74CBTLV16211_15 Datasheet
158Kb / 16P
24-bit bus switch
Rev. 6-15 December 2011
logo
ON Semiconductor
FST16211 ONSEMI-FST16211 Datasheet
392Kb / 9P
24-Bit Bus Switch
Revised July 2002
logo
Nexperia B.V. All right...
74CBTLV1621 NEXPERIA-74CBTLV1621 Datasheet
374Kb / 18P
24-bit bus switch
74CBTLV16211 NEXPERIA-74CBTLV16211 Datasheet
373Kb / 18P
24-bit bus switch
Rev. 7 - 9 November 2016
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com